Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50MT060WHT Datasheet(PDF) 3 Page - International Rectifier

Part # 50MT060WHT
Description  HALF-BRIDGE IGBT MTP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50MT060WHT Datasheet(HTML) 3 Page - International Rectifier

  50MT060WHT Datasheet HTML 1Page - International Rectifier 50MT060WHT Datasheet HTML 2Page - International Rectifier 50MT060WHT Datasheet HTML 3Page - International Rectifier 50MT060WHT Datasheet HTML 4Page - International Rectifier 50MT060WHT Datasheet HTML 5Page - International Rectifier 50MT060WHT Datasheet HTML 6Page - International Rectifier 50MT060WHT Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
I27120 rev. D 02/03
3
50MT060WH
www.irf.com
Thermal- Mechanical Specifications
TJ
Operating Junction
IGBT, Diode
- 40
150
°C
Temperature Range
Thermistor
- 40
125
TSTG
Storage Temperature Range
- 40
125
RthJC
Junction-to-Case
IGBT
0.38
°C/ W
Diode
0.8
RthCS
Case-to-Sink
Module
0.06
(Heatsink Compound Thermal Conductivity = 1 W/mK)
Clearance (3) (external shortest distance in air
5.5
m m
between two terminals)
Creepage (3) (shortest distance along the external
8
surfaceoftheinsulatingmaterialbetween2terminals
)
T
Mounting torque to heatsink
(4)
3 ± 10%
Nm
W t
Weight
66
g
Parameters
Min
Typ
Max
Units
(3) Standard version only i.e. without optional thermistor
(4) A mounting compound is recommended and the torque should be checked after 3 hours to allow for the spread of the
compound. Lubricated threads
Fig. 1 - Typical Output Characteristics
V
CE
, Collector-to-Emitter Voltage (V)
Fig. 2 - Maximum Collector Current vs. Case
Temperature
T
C
, Case Temperature (°C)
0
20
40
60
80
100
120
25
50
75
100
125
150
1
10
100
0.1
1
10
Vge = 15V
20µs Pulse Width
T = 150˚C
J
T = 25˚C
J


Similar Part No. - 50MT060WHT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50MT060WHTA IRF-50MT060WHTA Datasheet
144Kb / 7P
   HALF-BRIDGE IGBT MTP
logo
Vishay Siliconix
50MT060WHTAPBF VISHAY-50MT060WHTAPBF Datasheet
138Kb / 7P
   Half Bridge IGBT MTP (Warp Speed IGBT), 114 A
Revision: 01-Mar-10
More results

Similar Description - 50MT060WHT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50MT060WHA IRF-50MT060WHA Datasheet
144Kb / 7P
   HALF-BRIDGE IGBT MTP
40MT120UH IRF-40MT120UH Datasheet
678Kb / 13P
   HALF-BRIDGE IGBT MTP UltraFast NPT IGBT
logo
Vishay Siliconix
VS-50MT060PHTAPBF VISHAY-VS-50MT060PHTAPBF_V01 Datasheet
199Kb / 9P
   “Half Bridge” IGBT MTP, 121 A
01-Jan-2023
VS-50MT060PHTAPBF VISHAY-VS-50MT060PHTAPBF Datasheet
198Kb / 9P
   “Half Bridge” IGBT MTP, 121 AS
01-Jan-2022
VS-40MT120PHAPBF VISHAY-VS-40MT120PHAPBF_V01 Datasheet
196Kb / 10P
   “Half Bridge” MTP Trench IGBT, 75 A
01-Jan-2023
40MT120UHAPBF VISHAY-40MT120UHAPBF Datasheet
330Kb / 12P
   Half Bridge IGBT MTP (Ultrafast NPT IGBT), 80 A
Revision: 01-Mar-10
VS-50MT060WHTAPBF VISHAY-VS-50MT060WHTAPBF Datasheet
154Kb / 6P
   Half Bridge IGBT MTP (Warp Speed IGBT), 114 A
Revision: 10-Jun-15
40MT120UHAPBF VISHAY-40MT120UHAPBF_13 Datasheet
329Kb / 12P
   Half Bridge IGBT MTP (Ultrafast NPT IGBT), 80 A
Revision: 01-Mar-10
50MT060WHTAPBF VISHAY-50MT060WHTAPBF Datasheet
138Kb / 7P
   Half Bridge IGBT MTP (Warp Speed IGBT), 114 A
Revision: 01-Mar-10
VS-70MT060WHTAPBF VISHAY-VS-70MT060WHTAPBF_V01 Datasheet
210Kb / 9P
   "Half Bridge" IGBT MTP (Warp 2 Speed IGBT), 70 A
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com