Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C0033-48 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0033-48
Description  N Male to N Male Cable 48 Inch Length Using LMR-400 Coax
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0033-48 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0033-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0033-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0033-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male to N Male Cable 48 Inch Length Using LMR-400 Coax
Configuration
Connector 1
N Male
Connector 1 Specification
MIL-STD-348A
Connector 2
N Male
Connector 2 Specification
MIL-STD-348A
Cable Type
LMR-400
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-400
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Size
Length, in [cm]
48 [121.92]
Diameter, in [mm]
0.827 [21.01]
.
Weight, lbs [g]
0.244 [110.68]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
1 [25.4]
Repeated Minimum Bend Radius, in [mm]
4 [101.6]
Cable
No of Shields
2
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.405 [10.29]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Silver
Inner Conductor Plating Specification
70µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Connector 2
Type
N Male
Configuration
Straight
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable 48 Inch Length Using LMR-400 Coax PE3C0033-48
PE3C0033-48 REV
PE3C0033-48
N Male to N Male Cable 48 Inch Length Using LMR-400 Coax


Similar Part No. - PE3C0033-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0033-12 PASTERNACK-PE3C0033-12 Datasheet
339Kb / 3P
   N Male to N Male Cable 12 Inch Length Using LMR-400 Coax
PE3C0033-24 PASTERNACK-PE3C0033-24 Datasheet
327Kb / 3P
   N Male to N Male Cable 24 Inch Length Using LMR-400 Coax
PE3C0033-36 PASTERNACK-PE3C0033-36 Datasheet
327Kb / 3P
   N Male to N Male Cable 36 Inch Length Using LMR-400 Coax
PE3C0033-60 PASTERNACK-PE3C0033-60 Datasheet
327Kb / 3P
   N Male to N Male Cable 60 Inch Length Using LMR-400 Coax
More results

Similar Description - PE3C0033-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0046-48 PASTERNACK-PE3C0046-48 Datasheet
330Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-400 Coax
PE3C0031-48 PASTERNACK-PE3C0031-48 Datasheet
330Kb / 3P
   N Male to TNC Male Cable 48 Inch Length Using LMR-400 Coax
PE3C0039-48 PASTERNACK-PE3C0039-48 Datasheet
329Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-240 Coax
PE3C0139-48 PASTERNACK-PE3C0139-48 Datasheet
334Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-SW396 Coax
PE3C0033-12 PASTERNACK-PE3C0033-12 Datasheet
339Kb / 3P
   N Male to N Male Cable 12 Inch Length Using LMR-400 Coax
PE3C0046-12 PASTERNACK-PE3C0046-12 Datasheet
330Kb / 3P
   N Male to N Male Cable 12 Inch Length Using LMR-400 Coax
PE3C0033-24 PASTERNACK-PE3C0033-24 Datasheet
327Kb / 3P
   N Male to N Male Cable 24 Inch Length Using LMR-400 Coax
PE3C0053-48 PASTERNACK-PE3C0053-48 Datasheet
330Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-240 Coax
PE3C0142-48 PASTERNACK-PE3C0142-48 Datasheet
333Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-SW540 Coax
PE3C0048-48 PASTERNACK-PE3C0048-48 Datasheet
325Kb / 3P
   N Male to N Male Cable 48 Inch Length Using LMR-600 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com