Electronic Components Datasheet Search |
|
PE3C0033-12 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc. |
|
PE3C0033-12 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc. |
1 / 3 page TECHNICAL DATA SHEET TECHNICAL DATA SHEET 1 N Male to N Male Cable 12 Inch Length Using LMR-400 Coax Configuration Connector 1 N Male Connector 1 Specification MIL-STD-348A Connector 2 N Male Connector 2 Specification MIL-STD-348A Cable Type LMR-400 Impedance, Ohms 50 Mechanical Specifications Cable Assembly Cable Type LMR-400 Temperature Temperature Operating Range, deg C -40 to +85 Temperature Storage Range, deg C -70 to +85 Size Length, in [mm] 12 [304.8] Diameter, in [mm] 0.827 [21.01] . Weight, lbs [g] 0.244 [110.68] Cable Color Black One Time Minimum Bend Radius, in [mm] 1 [25.4] Repeated Minimum Bend Radius, in [mm] 4 [101.6] Cable No of Shields 2 Dielectric Type PE (F) Jacket Material PE Jacket Diameter, in [mm] 0.405 [10.29] Connector 1 Type N Male Configuration Straight Inner Conductor Material and Plating Brass, Silver Inner Conductor Plating Specification 70µ in. minimum Body Material and Plating Brass, Nickel Body Plating Specification 100µ in. minimum Dielectric Type Teflon Connector 2 Type N Male Configuration Straight Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications: N Male to N Male Cable 12 Inch Length Using LMR-400 Coax PE3C0033-12 PE3C0033-12 REV PE3C0033-12 N Male to N Male Cable 12 Inch Length Using LMR-400 Coax |
Similar Part No. - PE3C0033-12 |
|
Similar Description - PE3C0033-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |