Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL3030SR Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SBL3030SR
Description  SCHOTTKY BARRIER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SBL3030SR Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SBL3030SR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3030SR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3030SR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3030SR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3030SR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL3030SR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本(Rev.):201510C
1/6
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
SBL3030
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen Free
Packaging
器件重量
Device Weight
SBL3030Z
SBL3030
TO-220
NO
条管 Tube
1.98g(approx.)
SBL3030ZR
SBL3030
TO-220
YES
条管 Tube
1.98g(approx.)
SBL3030S
SBL3030
TO-263
NO
条管 Tube
1.90g(approx.)
SBL3030SR
SBL3030
TO-263
YES
条管 Tube
1.90g(approx.)
SBL3030S
SBL3030
TO-263
NO
编带 Reel
1.90g(approx.)
SBL3030SR
SBL3030
TO-263
YES
编带 Reel
1.90g(approx.)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
30(2×15)A
VRRM
30 V
Tj
150 ℃
IFSM
250 A
EAS
20mJ
VF(max)
0.47V (@Tj=125℃)
封装 Package
TO-220
TO-263
用途
低压、高频整流
低压续流电路和保护电
APPLICATIONS
Low voltage, high frequency
rectifier
freewheeling,
and
polarity
protection applications.
产品特性
共阴结构
低功耗,高效率
良好的高温特性
有过压保护环,高可靠性
环保(RoHS)产品
FEATURES
Common cathode structure
Low power loss, high efficiency
High Operating Junction
Temperature
Guard ring for overvoltage
protection,High reliability
RoHS product
订货信息 ORDER MESSAGE


Similar Part No. - SBL3030SR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL3030 DIODES-SBL3030 Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS30022 Rev. B-2
SBL3030 DIODES-SBL3030 Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23018 Rev. E-2
logo
Jiangsu Changjiang Elec...
SBL3030CT JIANGSU-SBL3030CT Datasheet
200Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
SBL3030CT DSK-SBL3030CT Datasheet
208Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL3030CT DIODES-SBL3030CT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS30022 Rev. B-2
More results

Similar Description - SBL3030SR

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com