Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF-LXH2579GIW Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSF-LXH2579GIW
Description  2mm X 5mm TRI LEADED RECTANGULAR INDICATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSF-LXH2579GIW Datasheet(HTML) 1 Page - LUMEX INC.

  SSF-LXH2579GIW Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSF-LXH2579GIW

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSF-LXH2579IGW LUMEX-SSF-LXH2579IGW Datasheet
61Kb / 1P
   2mm X 5mm TRI LEADED RECTANGULAR INDICATOR
SSF-LXH2579SISUGW LUMEX-SSF-LXH2579SISUGW Datasheet
62Kb / 1P
   2mm X 5mm TRI LEADED RECTANGULAR INDICATOR
More results

Similar Description - SSF-LXH2579GIW

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSF-LXH2579IGW LUMEX-SSF-LXH2579IGW Datasheet
61Kb / 1P
   2mm X 5mm TRI LEADED RECTANGULAR INDICATOR
SSF-LXH2579SISUGW LUMEX-SSF-LXH2579SISUGW Datasheet
62Kb / 1P
   2mm X 5mm TRI LEADED RECTANGULAR INDICATOR
SSL-LX2573PGD LUMEX-SSL-LX2573PGD Datasheet
51Kb / 1P
   2mm X 5mm RECTANGULAR
SSL-LX2573ID-WS LUMEX-SSL-LX2573ID-WS Datasheet
52Kb / 1P
   2mm X 5mm RECTANGULAR
logo
Dialight Corporation
566-XX06 DIALIGHT-566-XX06 Datasheet
30Kb / 2P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
logo
LUMEX INC.
SSL-LX2579SISYW-CA LUMEX-SSL-LX2579SISYW-CA Datasheet
89Kb / 1P
   2mm X 5mm Rectangular LED
SSL-LX2579YGW LUMEX-SSL-LX2579YGW Datasheet
91Kb / 1P
   2mm X 5mm Rectangular LED
SSL-LX2579IGW LUMEX-SSL-LX2579IGW Datasheet
91Kb / 1P
   2mm X 5mm Rectangular LED
SSI-LXR5010IY34285 LUMEX-SSI-LXR5010IY34285 Datasheet
67Kb / 1P
   T-5mm TRI-LEADED LED INDICATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com