Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5062 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2N5062
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5062 Datasheet(HTML) 5 Page - ON Semiconductor

  2N5062 Datasheet HTML 1Page - ON Semiconductor 2N5062 Datasheet HTML 2Page - ON Semiconductor 2N5062 Datasheet HTML 3Page - ON Semiconductor 2N5062 Datasheet HTML 4Page - ON Semiconductor 2N5062 Datasheet HTML 5Page - ON Semiconductor 2N5062 Datasheet HTML 6Page - ON Semiconductor 2N5062 Datasheet HTML 7Page - ON Semiconductor 2N5062 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2N5060 Series
http://onsemi.com
5
0.7
0.3
0.4
0.5
0.6
0.8
VAK = 7.0 V
RL = 100
RGK = 1.0 k
3.0
0.8
0.4
0.6
1.0
2.0
50
0
−75
−50
−25
4.0
25
100
75
110
TJ, JUNCTION TEMPERATURE (°C)
2N5060,61
100
VAK = 7.0 V
RL = 100
RGK = 1.0 k
0.2
0.5
1.0
2.0
5.0
10
20
50
200
VAK = 7.0 V
RL = 100
2N5062-64
2N5060-61
TYPICAL CHARACTERISTICS
50
0
75
−50
−25
25
100
75
110
TJ, JUNCTION TEMPERATURE (°C)
50
0
−75
−50
−25
25
100
75
TJ, JUNCTION TEMPERATURE (°C)
2N5062-64
0.02
0.2
20
10
5.0
2.0
1.0
0.05
0.01
0.002
0.005
0.5
0.02
0.01
0.5
0.1
0.05
0.1
0.2
t, TIME (SECONDS)
1.0
110
Figure 6. Thermal Response
Figure 7. Typical Gate Trigger Voltage
Figure 8. Typical Gate Trigger Current
Figure 9. Typical Holding Current


Similar Part No. - 2N5062

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N5062 BOCA-2N5062 Datasheet
31Kb / 1P
   SCRs (Silicon Controlled Rectifiers)
logo
Central Semiconductor C...
2N5062 CENTRAL-2N5062 Datasheet
22Kb / 1P
   0.8 to 110 Amperes RMS 15 to 1200 Volts
2N5062 CENTRAL-2N5062 Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER 0.8 AMP, 30 THRU 200 VOLTS
logo
New Jersey Semi-Conduct...
2N5062 NJSEMI-2N5062 Datasheet
248Kb / 2P
   SILICON CONTROLLED RECTIFIER
2N5062 NJSEMI-2N5062 Datasheet
88Kb / 1P
   SCR, V(DRM) = 100V TO 199.9V
More results

Similar Description - 2N5062

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com