Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE2410 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE2410
Description  Silicon NPN Transistor High Voltage Amp/Driver (Comp to NTE2411)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE2410 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE2410
Silicon NPN Transistor
High Voltage Amp/Driver
(Comp to NTE2411)
Description:
The NTE2410 is a silicon NPN transistor in an SOT–23 type surface mount case designed for use
in high voltage applications.
Absolute Maximum Ratings:
Collector–Emitter Voltage, VCEO
160V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCBO
180V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Collector Current, IC
600mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TA = +25°C, FR–5 Board, Note 1), PD
225mW
. . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
1.8mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
556
°C/mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TA = +25°C, Alumina Substrate, Note 2), PD
300mW
. . . . . . . . . . . . . . . . .
Derate Above 25
°C
2.4mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
417
°C/mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. FR–5 = 1.000 (25.4mm) x .750 (19.05mm) x .062 (1.57mm).
Note 2. Alumina = .400 (10.2mm) x .300 (7.62mm) x .024 (.609mm), 99.5% alumina.
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Collector–Emitter Breakdown Voltage
V(BR)CEO IC = 1mA, IB = 0, Note 3
160
V
Collector–Base Breakdown Voltage
V(BR)CBO IC = 100µA, IE = 0
180
V
Emitter–Base Breakdown Voltage
V(BR)EBO IE = 10µA, IC = 0
6
V
Collector Cutoff Current
ICBO
VCB = 120V, IE = 0
50
nA
VCB = 120V, IE = 0, TA = +100°C
50
µA
Emitter Cutoff Current
IEBO
VEB = 4V, IC = 0
50
nA
Note 3. Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2%.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn