Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPM20-D-3R3ELF Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # PPM20-D-3R3ELF
Description  Over Current / Over Voltage Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PPM20-D-3R3ELF Datasheet(HTML) 3 Page - PEAK electronics GmbH

  PPM20-D-3R3ELF Datasheet HTML 1Page - PEAK electronics GmbH PPM20-D-3R3ELF Datasheet HTML 2Page - PEAK electronics GmbH PPM20-D-3R3ELF Datasheet HTML 3Page - PEAK electronics GmbH PPM20-D-3R3ELF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
THE WORLD OF DC/DC-CONVERTERS
PPM-Series
– PPMxx-X-xxELF – Single Output – Plastic Case
Specification can change without a notice - We accept no liability for any inaccuracy or printing errors.
Page 3/4
Package / Pinning / Derating
3
1
2
8
7
6
5
4
TRIM
C
B
bottom
No.
PPM05-A
No.
PPM10-B
A
12.5
A
17.5
B
48.5
B
55.0
C
40.5
C
47.0
D
4.0
D
5.0
E
16.0
E
20.0
F
36.0
F
45.0
G
20.5
G
20.5
H
min. 6.0
H
min. 6.0
No.
PPM15-C
No. PPM20/25-D
A
17.5
A
20.0
B
62.0
B
70.0
C
54.0
C
62.0
D
5.0
D
5.75
E
20.0
E
23.0
F
48.0
F
48.0
G
22.5
G
23.5
H
min. 6.0
H
min. 6.0
55
100%
75%
50%
25%
-40 -20
0
20
40
60
80 100
AMBIENT TEMPERATURE (°C)
TEMPERATURE DERATING GRAPH
70
#
SINGLE
1
Ground*
2
AC (N)
3
AC (L)
4
- Vout
5
No Pin
6
No Pin
7
No Pin
8
+Vout
TRIM
TRIM**
* No Ground for PPM15-C-xxELF
** Only for PPM20/25-D-xxELF
PIN CONNECTIONS


Similar Part No. - PPM20-D-3R3ELF

ManufacturerPart #DatasheetDescription
logo
Make-Ps
PPM20-D-3.3E MAKE-PS-PPM20-D-3.3E Datasheet
209Kb / 4P
   Single Output AC/DC Converter
More results

Similar Description - PPM20-D-3R3ELF

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-JZ AIMTEC-AMEL5-JZ Datasheet
153Kb / 3P
   Over current, Over Voltage Protection
logo
ON Semiconductor
FPF2496 ONSEMI-FPF2496 Datasheet
362Kb / 11P
   Over-Voltage, Over-Current Protection
April 2017 Rev. 1.11
logo
AIMTEC
AMEL5-CJZ AIMTEC-AMEL5-CJZ Datasheet
152Kb / 3P
   Over current, Over Voltage Protection
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
479Kb / 5P
   short circuit, over voltage protection, over current protection
logo
List of Unclassifed Man...
ENH-0620 ETC2-ENH-0620 Datasheet
264Kb / 2P
   Over Current Voltage Protection
ENS-0748 ETC2-ENS-0748 Datasheet
902Kb / 2P
   Over Current Voltage Protection
ENS-0330 ETC2-ENS-0330 Datasheet
1Mb / 2P
   Over Current Voltage Protection
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
List of Unclassifed Man...
ENS-0565 ETC2-ENS-0565 Datasheet
1Mb / 2P
   Over Current Voltage Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com