Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPM15-C-15ELF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # PPM15-C-15ELF
Description  Over Current / Over Voltage Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PPM15-C-15ELF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  PPM15-C-15ELF Datasheet HTML 1Page - PEAK electronics GmbH PPM15-C-15ELF Datasheet HTML 2Page - PEAK electronics GmbH PPM15-C-15ELF Datasheet HTML 3Page - PEAK electronics GmbH PPM15-C-15ELF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
THE WORLD OF DC/DC-CONVERTERS
PPM-Series
– PPMxx-X-xxELF – Single Output – Plastic Case
Specification can change without a notice - We accept no liability for any inaccuracy or printing errors.
Page 1/4
PPMxx-X-xxELF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
The PPM-Series are high efficiency green power moduls with various
packaging provided by Peak. The features of this series are: wide input
voltage, DC and AC all in one, high efficiency, high reliability, low loss,
safety isolation etc. They are widely used in industrial, office and civil
equipment. EMC and safety standards meet international standards.
* Most converters of PPM Series are ready for UL. Please ask for
MOQ if you need certification.
Input Specifications
Voltage Range
85 – 264 VAC or 120 – 370 VDC
Frequency
47 – 63 Hz
Input (Inrush) Current
115VAC
230VAC
PPM05 models: 125mA (10A), max. 80mA (20A), max.
PPM10 models: 260mA (10A), max. 160mA (20A), max.
PPM15 models: 370mA (10A), max. 220mA (20A), max.
PPM20 models: 600mA (16A), max. 340mA (30A), max.
PPM25 models: 600mA (16A), max. 340mA (30A), max.
External Fuse (recommended)
PPM05: 1A / 250V
PPM10/15: 2A / 250V
PPM20/25: 3A / 250V
Leakage current
0.3mA RMS, typ. (230VAC 50Hz)
Output Specifications
Voltage accuracy (main)
±2%
Line regulation (main)
±0.5%
Load regulation (0% to 100%)
±1%
Ripple & noise (20 MHz bandwidth)
150 mV pk-pk, max.
Temperature coefficient
±0.02%/°C
Short Circuit Protection
Continuous, self recovery
Over Current Protection
≥110% Io, self recovery
Over Voltage Protection
3.3/5Vout: ≤7.5VDC
9Vout: ≤13VDC
12/15Vout: ≤20 VDC
24Vout: ≤30 VDC
48Vout: ≤60 VDC
Hold up Time
15ms (115VAC) / 80ms (230VAC)
General Specifications
Isolation I/O (60 sec)
3000V
Switching Frequency
65 - 140 kHz, max. .)
Power Derating
2% / °C (-25 – 10°C)
3.75% / °C (55 – 70°C)
Humidity (rel.)
95%
MTBF (Calculated MIL-HDBK-217F)
>300.000 hrs
Safety Standard (designed to meet)
IEC/EN 60950
UL 60950
Environment / Physical Specifications
Operation Temp.
-25°C to 70°C
Storage
-25°C to 105°C
Cooling
Nature / Free Air
Case Material
Plastic (UL94V-0 rated)
Potting
Epoxy (UL94V-0 rated)
Weight
~50 - 170 g
EMC Specifications
Radiated Emissions
EN55022
Class B
Conducted
Emissions*
EN55022
Class B
ESD (±6kV/±8kV)
IEC/EN-61000-4-2
Pref. Criteria B
RS (10V/m)
IEC/EN-61000-4-3
Pref. Criteria A
EFT (±4kV)*
IEC/EN-61000-4-4
Pref. Criteria B
Surge (±2kV/4kV)*
IEC/EN-61000-4-5
Pref. Criteria B
CS (10V r.m.s)
IEC/EN-61000-4-6
Pref. Criteria A
PFM (10A/m)
IEC/EN-61000-4-8
Pref. Criteria A
Immunities of voltage
dip. Drop and short
interruption (0-70%)
IEC/EN-61000-4-11
Pref. Criteria B
*Input filter components are required to meet conducted emission class B
(see App Note). An external filter capacitor is required
if the module has to meet IEC61000-4-4 and IEC61000-4-5. Please see App Note.
PPM-SERIES
 4 - 25 Watt
 Regulated
 Single Output
 Over Current / Over Voltage Protection
 Continuous Short Circuit Protection
 3 kV I/O Isolation
www.peak-electronics.de
Tel. +49 ( 0 ) 6135 7026-0
peak@peak-electronics.de
Ready for UL*
Rev. 08-2015


Similar Part No. - PPM15-C-15ELF

ManufacturerPart #DatasheetDescription
logo
Make-Ps
PPM15-C-15E MAKE-PS-PPM15-C-15E Datasheet
209Kb / 4P
   Single Output AC/DC Converter
More results

Similar Description - PPM15-C-15ELF

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL5-JZ AIMTEC-AMEL5-JZ Datasheet
153Kb / 3P
   Over current, Over Voltage Protection
logo
ON Semiconductor
FPF2496 ONSEMI-FPF2496 Datasheet
362Kb / 11P
   Over-Voltage, Over-Current Protection
April 2017 Rev. 1.11
logo
AIMTEC
AMEL5-CJZ AIMTEC-AMEL5-CJZ Datasheet
152Kb / 3P
   Over current, Over Voltage Protection
logo
CUI INC
VOF-6B CUI-VOF-6B Datasheet
479Kb / 5P
   short circuit, over voltage protection, over current protection
logo
List of Unclassifed Man...
ENH-0620 ETC2-ENH-0620 Datasheet
264Kb / 2P
   Over Current Voltage Protection
ENS-0748 ETC2-ENS-0748 Datasheet
902Kb / 2P
   Over Current Voltage Protection
ENS-0330 ETC2-ENS-0330 Datasheet
1Mb / 2P
   Over Current Voltage Protection
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
List of Unclassifed Man...
ENS-0565 ETC2-ENS-0565 Datasheet
1Mb / 2P
   Over Current Voltage Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com