Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL2045SZ Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SBL2045SZ
Description  SCHOTTKY BARRIER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SBL2045SZ Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SBL2045SZ Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL2045SZ Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL2045SZ Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL2045SZ Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL2045SZ Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL2045SZ Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL2045SZ Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBL2045SZ Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
版本(Rev.):201510C
1/8
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
SBL2045S
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen Free
Packaging
器件重量
Device Weight
SBL2045SZ
SBL2045S
TO-220
NO
条管 Tube
1.98 g(typ)
SBL2045SZR
SBL2045S
TO-220
YES
条管 Tube
1.98 g(typ)
SBL2045SHF
SBL2045S
TO-220HF
NO
条管 Tube
1.70 g(typ)
SBL2045SHFR
SBL2045S
TO-220HF
YES
条管 Tube
1.70 g(typ)
SBL2045SS
SBL2045S
TO-263
NO
条管 Tube
1.90 g(typ)
SBL2045SSR
SBL2045S
TO-263
YES
条管 Tube
1.90 g(typ)
SBL2045SS
SBL2045S
TO-263
NO
编带 Reel
1.90 g(typ)
SBL2045SSR
SBL2045S
TO-263
YES
编带 Reel
1.90 g(typ)
SBL2045SB
SBL2045S
TO-262
NO
条管 Tube
1.90 g(typ)
SBL2045SBR
SBL2045S
TO-262
YES
条管 Tube
1.90 g(typ)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
20(2×10)A
VRRM
45 V
Tj
150 ℃
VF(max)
0.5V (@Tj=125℃)
封装 Package
用途
l 高频开关电源
l 低压续流电路和保护电
APPLICATIONS
l High frequency switch
power supply
l Free wheeling diodes,
polarity protection
applications
产品特性
l共阴结构
l低功耗,高效率
l良好的高温特性
l有过压保护环,高可靠性
l环保(RoHS)产品
FEATURES
lCommon cathode structure
lLow power loss, high efficiency
lHigh Operating Junction
Temperature
lGuard ring for overvoltage
protection,High reliability
lRoHS product
TO-22O
TO-22OHF
订货信息 ORDER MESSAGE
TO-263
TO-262


Similar Part No. - SBL2045SZ

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
SBL2045 JSMC-SBL2045 Datasheet
553Kb / 7P
   SCHOTTKY BARRIER DIODE
logo
Zowie Technology Corpor...
SBL2045CFSH ZOWIE-SBL2045CFSH Datasheet
121Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Mospec Semiconductor
SBL2045CL MOSPEC-SBL2045CL Datasheet
151Kb / 2P
   Switchmode Dual Schottky Barrier Power Rectifiers
logo
DIYI Electronic Technol...
SBL2045CT DYELEC-SBL2045CT Datasheet
2Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SBL2045CT SUNMATE-SBL2045CT Datasheet
1Mb / 2P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SBL2045SZ

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com