Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWTVSG.BB-BXCY-JBNC-Z486 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LWTVSG.BB-BXCY-JBNC-Z486
Description  Automotive Lighting Interior and Exterior
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWTVSG.BB-BXCY-JBNC-Z486 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LWTVSG.BB-BXCY-JBNC-Z486 Datasheet HTML 6Page - OSRAM GmbH LWTVSG.BB-BXCY-JBNC-Z486 Datasheet HTML 7Page - OSRAM GmbH LWTVSG.BB-BXCY-JBNC-Z486 Datasheet HTML 8Page - OSRAM GmbH LWTVSG.BB-BXCY-JBNC-Z486 Datasheet HTML 9Page - OSRAM GmbH LWTVSG.BB-BXCY-JBNC-Z486 Datasheet HTML 10Page - OSRAM GmbH LWTVSG.BB-BXCY-JBNC-Z486 Datasheet HTML 11Page - OSRAM GmbH LWTVSG.BB-BXCY-JBNC-Z486 Datasheet HTML 12Page - OSRAM GmbH LWTVSG.BB-BXCY-JBNC-Z486 Datasheet HTML 13Page - OSRAM GmbH LWTVSG.BB-BXCY-JBNC-Z486 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2017-10-12
10
Version 1.4
LW TVSG.BB
Forward Current 6) page 23 , 7) page 23
Durchlassstrom 6) Seite 23 , 7) Seite 23
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 6) page 23 , 7) page 23
Relative Lichtstärke 6) Seite 23 , 7) Seite 23
IV/IV(20 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 6) page 23
Farbortverschiebung 6) Seite 23
ΔCx, ΔCy = f(IF); TS = 25 °C
LW TVSG.BB
2,7
2,8
3,0
3,2
3,4
VF [V]
5
10
20
30
40
50
IF [mA]
: white
LW TVSG.BB
5
6 7 8 9 10
20
30
40
50
IF [mA]
0,3
0,4
0,5
1
2
IV
IV(20mA)
: white
LW TVSG.BB
5
10
15
20
25
30
35
40
45
50
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
:
Cx
:
Cy


Similar Part No. - LWTVSG.BB-BXCY-JBNC-Z486

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
   TOPLED
LWTVSG.CB-AZBZ-JKPL-Z486 OSRAM-LWTVSG.CB-AZBZ-JKPL-Z486 Datasheet
724Kb / 24P
   TOPLED
LWTVSG.CB-BXCX-JKPL-Z486 OSRAM-LWTVSG.CB-BXCX-JKPL-Z486 Datasheet
724Kb / 24P
   TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB_15 Datasheet
777Kb / 24P
   TOPLED
More results

Similar Description - LWTVSG.BB-BXCY-JBNC-Z486

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
   Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
   Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
   Automotive Lighting Interior and Exterior
LWE67C OSRAM-LWE67C_15 Datasheet
614Kb / 22P
   Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
   Automotive Lighting Interior and Exterior
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
   Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
   Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
   Automotive Lighting Interior and Exterior
LRE6SF OSRAM-LRE6SF Datasheet
493Kb / 21P
   Automotive Lighting Interior and Exterior
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
   Automotive Lighting Interior and Exterior
LWT6SG OSRAM-LWT6SG Datasheet
697Kb / 24P
   Automotive Lighting Interior and Exterior
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com