Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWL28G-S2T2-3K6L-1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LWL28G-S2T2-3K6L-1
Description  LCD Backlighting
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWL28G-S2T2-3K6L-1 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LWL28G-S2T2-3K6L-1 Datasheet HTML 6Page - OSRAM GmbH LWL28G-S2T2-3K6L-1 Datasheet HTML 7Page - OSRAM GmbH LWL28G-S2T2-3K6L-1 Datasheet HTML 8Page - OSRAM GmbH LWL28G-S2T2-3K6L-1 Datasheet HTML 9Page - OSRAM GmbH LWL28G-S2T2-3K6L-1 Datasheet HTML 10Page - OSRAM GmbH LWL28G-S2T2-3K6L-1 Datasheet HTML 11Page - OSRAM GmbH LWL28G-S2T2-3K6L-1 Datasheet HTML 12Page - OSRAM GmbH LWL28G-S2T2-3K6L-1 Datasheet HTML 13Page - OSRAM GmbH LWL28G-S2T2-3K6L-1 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2015-04-30
10
Version 1.2 (Replacement in due course)
LW L28G
Relative Forward Voltage 7) page 22
Relative Vorwärtsspannung 7) Seite 22
ΔVF = VF - VF(25 °C) = f(Tj); IF = 10 mA
Relative Luminous Intensity 7) page 22
Relative Lichtstärke 7) Seite 22
IV/IV(25)°C = f(Tj); IF = 10 mA
LW L28G
-40
-20
0
20
40
60
80
100
Tj [°C]
-0,2
0,0
0,2
0,4
∆V
F [V]
: white
LW L28G
-40
-20
0
20
40
60
80
100
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Iv
Iv(25°C)
: white


Similar Part No. - LWL28G-S2T2-3K6L-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWL28G-R2S2-3K6L-1 OSRAM-LWL28G-R2S2-3K6L-1 Datasheet
601Kb / 16P
   SmartLED Enhanced Optical Power Chip
More results

Similar Description - LWL28G-S2T2-3K6L-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDPLS31.SB OSRAM-KWDPLS31.SB Datasheet
778Kb / 24P
   LCD Backlighting
LBQ39G OSRAM-LBQ39G Datasheet
1Mb / 21P
   LCD Backlighting
LWL283 OSRAM-LWL283_15 Datasheet
525Kb / 23P
   LCD Backlighting
KWDPLS31.MB OSRAM-KWDPLS31.MB Datasheet
778Kb / 25P
   LCD Backlighting
LBQ39G-N1OO-35-1 OSRAM-LBQ39G-N1OO-35-1 Datasheet
1Mb / 21P
   LCD Backlighting
LAW5SM OSRAM-LAW5SM Datasheet
615Kb / 21P
   LCD Backlighting
LBQ39E-N1OO-35-1 OSRAM-LBQ39E-N1OO-35-1 Datasheet
1Mb / 21P
   LCD Backlighting
LTQ39E OSRAM-LTQ39E Datasheet
1Mb / 21P
   LCD Backlighting
LYCN5M OSRAM-LYCN5M Datasheet
3Mb / 21P
   LCD Backlighting
LDCN5M OSRAM-LDCN5M Datasheet
973Kb / 21P
   LCD Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com