Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE241 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE241
Description  Silicon Complementary Transistors Audio Power Amplifier, Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE241 Datasheet(HTML) 2 Page - NTE Electronics

  NTE241 Datasheet HTML 1Page - NTE Electronics NTE241 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ON Characteristics (Note 1)
DC Current Gain
hFE
IC = 1.5A, VCE = 2V
20
80
IC = 4.0A, VCE = 2V
7
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 1.5A, IB = 150mA
0.6
V
IC = 4.0A, IB = 1A
1.4
V
Base–Emitter ON Voltage
VBE(on)
IC = 1.5A, VCE = 2V
1.2
V
Dynamic Characteristics
Small–Signal Current Gain
hfe
IC = 100mA, VCE = 2V, f = 1kHz
25
Current–Gain Bandwidth Product
fT
IC = 1A, VCE = 4V, f = 1MHz
2.5
MHz
Note 1. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%.
.420 (10.67)
Max
.500
(12.7)
Max
.500
(12.7)
Min
.250 (6.35)
Max
.147 (3.75)
Dia Max
.070 (1.78) Max
.100 (2.54)
Base
Collector/Tab
Emitter
.110 (2.79)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn