Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE241 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE241
Description  Silicon Complementary Transistors Audio Power Amplifier, Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE241 Datasheet(HTML) 1 Page - NTE Electronics

  NTE241 Datasheet HTML 1Page - NTE Electronics NTE241 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE241 (NPN) & NTE242 (PNP)
Silicon Complementary Transistors
Audio Power Amplifier, Switch
Description:
The NTE241 (NPN) and NTE242 (PNP) are silicon complementary transistors in a TO220 type package
designed for use in power amplifier and switching circuits.
Absolute Maximum Ratings:
Collector–Emitter Voltage, VCEO
80V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCB
80V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEB
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
4A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Base Current, IB
1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TC = +25°C), PD
60W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
320mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RΘJC
3.12
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Collector–Emitter Sustaining Voltage
VCEO(sus) IC = 100mA, IB = 0, Note 1
80
V
Collector Cutoff Current
ICEO
VCE = 80V, IB = 0
1.0
mA
ICEX
VCE = 80V, VEB(off) = 1.5V
0.1
mA
VCE = 80V, VEB(off) = 1.5V, TC = +125°C
2.0
mA
ICBO
VCB = 80V, IE = 0
0.1
mA
Emitter Cutoff Current
IEBO
VBE = 5V, IC = 0
1.0
mA
Note 1. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn