Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMF301155 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FDMF301155
Description  Smart Power Stage (SPS) Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF301155 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FDMF301155 Datasheet HTML 3Page - ON Semiconductor FDMF301155 Datasheet HTML 4Page - ON Semiconductor FDMF301155 Datasheet HTML 5Page - ON Semiconductor FDMF301155 Datasheet HTML 6Page - ON Semiconductor FDMF301155 Datasheet HTML 7Page - ON Semiconductor FDMF301155 Datasheet HTML 8Page - ON Semiconductor FDMF301155 Datasheet HTML 9Page - ON Semiconductor FDMF301155 Datasheet HTML 10Page - ON Semiconductor FDMF301155 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
© 2015 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF301155 • Rev. 1.0
6
Electrical Characteristics
Typical value is under VIN=12 V, VCC=PVCC=5 V and TA=TJ=+ 25°C unless otherwise noted. Minimum / Maximum
values are under VIN=12 V, VCC=PVCC=5 V ± 10% and TJ=TA=-40 ~ 125°C unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
High-Side Driver (HDRV, VCC = PVCC = 5 V)
RSOURCE_GH
Output Impedance, Sourcing
Source Current=100 mA
1.0
2.5
Ω
ISOURCE_GH
Output Sourcing Peak Current
GH=2.5 V
2
A
RSINK_GH
Output Impedance, Sinking
Sink Current=100 mA
1.0
2.5
Ω
ISINK_GH
Output Sinking Peak Current
GH=2.5 V
4
A
tR_GH
GH Rise Time
GH=10% to 90%, CLOAD=3.0 nF
8
ns
tF_GH
GH Fall Time
GH=90% to 10%, CLOAD=3.0 nF
8
ns
Low-Side Driver (LDRV, VCC=PVCC = 5 V)
RSOURCE_GL
Output Impedance, Sourcing
Source Current=100 mA
1.0
2.5
Ω
ISOURCE_GL
Output Sourcing Peak Current
GL=2.5 V
2
A
RSINK_GL
Output Impedance, Sinking
Sink Current=100 mA
0.5
Ω
ISINK_GL
Output Sinking Peak Current
GL=2.5 V
4
A
tR_GL
GL Rise Time
GL=10% to 90%, CLOAD=3.0 nF
8
ns
tF_GL
GL Fall Time
GL=90% to 10%, CLOAD=3.0 nF
4
ns
Boot Diode
VF
Forward-Voltage Drop
IF=10 mA
0.6
V
VR
Breakdown Voltage
IR=1 mA
30
V


Similar Part No. - FDMF301155

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF3030 FAIRCHILD-FDMF3030 Datasheet
1Mb / 19P
   Extra-Small, High-Performance, High-Frequency, DrMOS Module
logo
ON Semiconductor
FDMF3030 ONSEMI-FDMF3030 Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency, DrMOS Module
September 2012 Rev. 1.0.0
FDMF3033 ONSEMI-FDMF3033 Datasheet
1Mb / 22P
   Smart Power Stage (SPS) Module
February 2016 Rev. 1.0
FDMF3035 ONSEMI-FDMF3035 Datasheet
1Mb / 21P
   Smart Power Stage (SPS) Module
November-2017, Rev. 2
FDMF3037 ONSEMI-FDMF3037 Datasheet
839Kb / 22P
   Stainless Steel Body
September 2015 Rev. 1.4
More results

Similar Description - FDMF301155

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF3033 ONSEMI-FDMF3033 Datasheet
1Mb / 22P
   Smart Power Stage (SPS) Module
February 2016 Rev. 1.0
FDMF5823DC ONSEMI-FDMF5823DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module
Rev. 1.9
FDMF3039 ONSEMI-FDMF3039 Datasheet
970Kb / 22P
   Smart Power Stage (SPS) Module
August 2017 Rev. 2
FDMF5833 ONSEMI-FDMF5833 Datasheet
2Mb / 25P
   Smart Power Stage (SPS) Module
October-2017, Rev. 2
FDMF5821DC ONSEMI-FDMF5821DC Datasheet
1Mb / 25P
   Smart Power Stage (SPS) Module
October-2017, Rev. 2
FDMF5839 ONSEMI-FDMF5839 Datasheet
1Mb / 30P
   Smart Power Stage (SPS) Module
Rev. 1.9
FDMF3035 ONSEMI-FDMF3035 Datasheet
1Mb / 21P
   Smart Power Stage (SPS) Module
November-2017, Rev. 2
FDMF3180 ONSEMI-FDMF3180 Datasheet
254Kb / 4P
   Smart Power Stage (SPS) Module
November 2016 Rev.1.0
FDMF5822DC ONSEMI-FDMF5822DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module
Rev. 1.9
FDMF5826DC ONSEMI-FDMF5826DC Datasheet
1Mb / 26P
   Smart Power Stage (SPS) Module
Rev. 1.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com