Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7621SJX Datasheet(PDF) 5 Page - ON Semiconductor

Part # FAN7621SJX
Description  PFM Controller for Half-Bridge Resonant Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN7621SJX Datasheet(HTML) 5 Page - ON Semiconductor

  FAN7621SJX Datasheet HTML 1Page - ON Semiconductor FAN7621SJX Datasheet HTML 2Page - ON Semiconductor FAN7621SJX Datasheet HTML 3Page - ON Semiconductor FAN7621SJX Datasheet HTML 4Page - ON Semiconductor FAN7621SJX Datasheet HTML 5Page - ON Semiconductor FAN7621SJX Datasheet HTML 6Page - ON Semiconductor FAN7621SJX Datasheet HTML 7Page - ON Semiconductor FAN7621SJX Datasheet HTML 8Page - ON Semiconductor FAN7621SJX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7621 • Rev. 1.0.3
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In
addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only. TA=25°C unless otherwise specified.
Symbol
Parameter
Min.
Max.
Unit
VHO
High-Side Gate Driving Voltage
VCTR-0.3
HVCC
V
VLO
Low-Side Gate Driving Voltage
-0.3
LVCC
LVCC
Low-Side Supply Voltage
-0.3
25.0
V
HVCC to VCTR High-Side VCC Pin to Center Voltage
-0.3
25.0
V
VCTR
Center Voltage
-0.3
600.0
V
VCON
Control Pin Input Voltage
-0.3
LVCC
V
VCS
Current Sense (CS) Pin Input Voltage
-5.0
1.0
V
VRT
RT Pin Input Voltage
-0.3
5.0
V
dVCTR/dt
Allowable Center Voltage Slew Rate
50
V/ns
PD
Total Power Dissipation
16-DIP
1.56
W
16-SOP
1.13
W
TJ
Maximum Junction Temperature
(1)
+150
°C
Recommended Operating Junction Temperature
(1)
-40
+130
TSTG
Storage Temperature Range
-55
+150
°C
Note:
1.
The maximum value of the recommended operating junction temperature is limited by thermal shutdown.
Thermal Impedance
Symbol
Parameter
Value
Unit
θJA
Junction-to-Ambient Thermal Impedance
16-DIP
80
ºC/W
16-SOP
110


Similar Part No. - FAN7621SJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7621SJX FAIRCHILD-FAN7621SJX Datasheet
1Mb / 17P
   PFM Controller for Half-Bridge Resonant Converters
FAN7621SJX FAIRCHILD-FAN7621SJX Datasheet
636Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
More results

Similar Description - FAN7621SJX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7621S FAIRCHILD-FAN7621S Datasheet
803Kb / 13P
   PFM Controller for Half-Bridge Resonant Converters
FAN7621B FAIRCHILD-FAN7621B Datasheet
1,021Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
FAN7621 FAIRCHILD-FAN7621 Datasheet
1Mb / 17P
   PFM Controller for Half-Bridge Resonant Converters
FAN7621 FAIRCHILD-FAN7621_10 Datasheet
636Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621B ONSEMI-FAN7621B Datasheet
813Kb / 18P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.1
FAN7621S ONSEMI-FAN7621S Datasheet
597Kb / 14P
   PFM Controller for Half-Bridge Resonant Converters
July 2010 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7631 FAIRCHILD-FAN7631 Datasheet
1Mb / 19P
   Advanced Pulse Frequency Modulation (PFM) Controller for Half-Bridge Resonant Converters
logo
Monolithic Power System...
HR1000 MPS-HR1000 Datasheet
1,016Kb / 23P
   Resonant Half-Bridge Controller
logo
Infineon Technologies A...
ICE1HS01G INFINEON-ICE1HS01G Datasheet
844Kb / 18P
   Half-Bridge Resonant Controller
Version 2.0, 24 August 2009
logo
Monolithic Power System...
HR1000A MPS-HR1000A Datasheet
898Kb / 23P
   Resonant Half-Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com