Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7892BN-2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7892BN-2
Description  LC2MOS Single Supply, 12-Bit 600 kSPS ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7892BN-2 Datasheet(HTML) 3 Page - Analog Devices

  AD7892BN-2 Datasheet HTML 1Page - Analog Devices AD7892BN-2 Datasheet HTML 2Page - Analog Devices AD7892BN-2 Datasheet HTML 3Page - Analog Devices AD7892BN-2 Datasheet HTML 4Page - Analog Devices AD7892BN-2 Datasheet HTML 5Page - Analog Devices AD7892BN-2 Datasheet HTML 6Page - Analog Devices AD7892BN-2 Datasheet HTML 7Page - Analog Devices AD7892BN-2 Datasheet HTML 8Page - Analog Devices AD7892BN-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
(VDD = +5 V
5%, AGND = DGND = 0 V, REF IN = +2.5 V. All specifications TMIN to TMAX
unless otherwise noted.)
AD7892–SPECIFICATIONS
Parameter
A Versions
1
B Versions
S Version
2
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
AD7892-1, AD7892-2
fIN = 100 kHz. fSAMPLE = 500 kSPS
Signal to (Noise + Distortion) Ratio
3
70
70
70
dB min
Total Harmonic Distortion3
–78
–78
–78
dB max
typ –84 dB
Peak Harmonic or Spurious Noise
3
–79
–79
–79
dB max
Intermodulation Distortion
3
fa = 49 kHz, fb = 50 kHz
2nd Order Terms
–78
–78
–78
dB max
typ –84 dB
3rd Order Terms
–78
–78
–78
dB max
typ –84 dB
AD7892-3
fIN = 100 kHz. fSAMPLE = 600 kSPS
Signal to (Noise + Distortion) Ratio3
70
70
dB min
Total Harmonic Distortion
3
–78
–78
dB max
Peak Harmonic or Spurious Noise
3
–79
–79
dB max
Intermodulation Distortion3
fa = 49 kHz, fb = 50 kHz
2nd Order Terms
–78
–78
dB max
3rd Order Terms
–78
–78
dB max
DC ACCURACY
Resolution
12
12
12
Bits
Minimum Resolution for Which No
Missing Codes Are Guaranteed
12
12
12
Bits
Relative Accuracy
3
±1.5
±1
±1
LSB max
Differential Nonlinearity
3
±1
±1
±1
LSB max
AD7892-1
Positive Full-Scale Error
3
±4
±4
±5
LSB max
Negative Full-Scale Error
3
±4
±4
±5
LSB max
Bipolar Zero Error
3
±3
±2
±3
LSB max
AD7892-3
Positive Full-Scale Error
3
±4
±4
LSB max
Negative Full-Scale Error
3
±4
±4
LSB max
Bipolar Zero Error
3
±4
±3
LSB max
AD7892-2
Positive Full-Scale Error3
±5
±5
±5
LSB max
Unipolar Offset Error
3
±4
±3
±4
LSB max
ANALOG INPUT
AD7892-1
Input Voltage Range
±10
±10
±10
Volts
Input Applied to VIN1 with VIN2 Grounded
Input Voltage Range
±5
±5
±5
Volts
Input Applied to VIN1 and VIN2
Input Resistance
8
8
8
k
Ω min
Input Applied to VIN1 with VIN2 Grounded
AD7892-2
Input Voltage Range on VIN1
0 to +2.5
0 to +2.5
0 to +2.5
Volts
Input Applied to VIN1
Input Current
10
10
50
nA max
Input Voltage Range on VIN2
±50
±50
±50
mV max
AD7892-3
Input Voltage Range on VIN1
±2.5
±2.5
Volts
Input Applied to VIN1
Input Resistance
2
2
k
Ω min
REFERENCE OUTPUT/INPUT
REF IN Input Voltage Range
2.375/2.625
2.375/2.625
2.375/2.625
V min/V max
2.5 V
± 5%
Input Impedance
1.6
1.6
1.6
k
Ω min
Resistor Connected to Internal Reference Node
Input Capacitance
4
10
10
10
pF max
REF OUT Output Voltage
2.5
2.5
2.5
V nom
REF OUT Error @ +25
°C
±10
±10
±10
mV max
TMIN to TMAX
±20
±20
±25
mV max
REF OUT Temperature Coefficient
25
25
25
ppm/
°C typ
REF OUT Output Impedance
5.5
5.5
5.5
k
Ω nom
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
VDD = 5 V
± 5%
Input Low Voltage, VINL
0.8
0.8
0.8
V max
VDD = 5 V
± 5%
Input Current, IIN
±10
±10
±10
µA max
VIN = 0 V to VDD
Input Capacitance, CIN
4
10
10
10
pF max
–2–
REV. C


Similar Part No. - AD7892BN-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7892BN-2 AD-AD7892BN-2 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BN-2 AD-AD7892BN-2 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BN-2 AD-AD7892BN-2 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
More results

Similar Description - AD7892BN-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7892BNZ-1 AD-AD7892BNZ-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BRZ-1 AD-AD7892BRZ-1 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_15 Datasheet
146Kb / 14P
   LC MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
EVAL-AD7891-1CB AD-EVAL-AD7891-1CB Datasheet
360Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 454 kSPS ADC
REV. A
EVAL-AD7891-2CB AD-EVAL-AD7891-2CB Datasheet
381Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 500 kSPS ADC
REV. A
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com