Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7892AR-1 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7892AR-1
Description  LC2MOS Single Supply, 12-Bit 600 kSPS ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7892AR-1 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7892AR-1 Datasheet HTML 2Page - Analog Devices AD7892AR-1 Datasheet HTML 3Page - Analog Devices AD7892AR-1 Datasheet HTML 4Page - Analog Devices AD7892AR-1 Datasheet HTML 5Page - Analog Devices AD7892AR-1 Datasheet HTML 6Page - Analog Devices AD7892AR-1 Datasheet HTML 7Page - Analog Devices AD7892AR-1 Datasheet HTML 8Page - Analog Devices AD7892AR-1 Datasheet HTML 9Page - Analog Devices AD7892AR-1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AD7892
REV. C
–5–
ORDERING GUIDE
Input
Sample
Relative
Temperature
Package
Model
Range
Rate
Accuracy
Range
Option
1
AD7892AN-1
±5 V or ±10 V
500 kSPS
–40
°C to +85°C
N-24
AD7892BN-1
±5 V or ±10 V
500 kSPS
±1 LSB
–40
°C to +85°C
N-24
AD7892AR-1
±5 V or ±10 V
500 kSPS
–40
°C to +85°C
R-24
AD7892BR-1
±5 V or ±10 V
500 kSPS
±1 LSB
–40
°C to +85°C
R-24
AD7892SQ-1
±5 V or ±10 V
500 kSPS
±1 LSB
–55
°C to +125°CQ-24
AD7892AN-2
0 V to +2.5 V
500 kSPS
–40
°C to +85°C
N-24
AD7892BN-2
0 V to +2.5 V
500 kSPS
±1 LSB
–40
°C to +85°C
N-24
AD7892AR-2
0 V to +2.5 V
500 kSPS
–40
°C to +85°C
R-24
AD7892BR-2
0 V to +2.5 V
500 kSPS
±1 LSB
–40
°C to +85°C
R-24
AD7892AN-3
±2.5 V
600 kSPS
–40
°C to +85°C
N-24
AD7892BN-3
±2.5 V
600 kSPS
±1 LSB
–40
°C to +85°C
N-24
AD7892AR-3
±2.5 V
600 kSPS
–40
°C to +85°C
R-24
AD7892BR-3
±2.5 V
600 kSPS
±1 LSB
–40
°C to +85°C
R-24
EVAL-AD7892-2CB
2
Evaluation Board
EVAL-AD7892-3CB
2
Evaluation Board
EVAL-CONTROL BOARD
3
Controller Board
NOTES
1N = Plastic DIP; Q = Cerdip; R = SOIC.
2These boards can be used as stand-alone evaluation boards or in conjunction with the EVAL-CONTROL BOARD for evaluation/demonstration purposes.
3This board is a complete unit allowing a PC to control and communicate with all Analog Devices’ evaluation boards ending in the CB designators.


Similar Part No. - AD7892AR-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7892AR-1 AD-AD7892AR-1 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892AR-1 AD-AD7892AR-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892AR-1 AD-AD7892AR-1 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
More results

Similar Description - AD7892AR-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7892BNZ-1 AD-AD7892BNZ-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BRZ-1 AD-AD7892BRZ-1 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_15 Datasheet
146Kb / 14P
   LC MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
EVAL-AD7891-1CB AD-EVAL-AD7891-1CB Datasheet
360Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 454 kSPS ADC
REV. A
EVAL-AD7891-2CB AD-EVAL-AD7891-2CB Datasheet
381Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 500 kSPS ADC
REV. A
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com