Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7715 Datasheet(PDF) 9 Page - Analog Devices

Part No. AD7715
Description  16-Bit, Sigma-Delta ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7715 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7715_17 Datasheet HTML 5Page - Analog Devices AD7715_17 Datasheet HTML 6Page - Analog Devices AD7715_17 Datasheet HTML 7Page - Analog Devices AD7715_17 Datasheet HTML 8Page - Analog Devices AD7715_17 Datasheet HTML 9Page - Analog Devices AD7715_17 Datasheet HTML 10Page - Analog Devices AD7715_17 Datasheet HTML 11Page - Analog Devices AD7715_17 Datasheet HTML 12Page - Analog Devices AD7715_17 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
AD7715
Data Sheet
Rev. E | Page 8 of 40
TIMING CHARACTERISTICS
DVDD = 3 V to 5.25 V; AVDD = 3 V to 5.25 V; AGND = DGND = 0 V; fCLKIN = 2.4576 MHz; Input Logic 0 = 0 V, Logic 1 = DVDD, unless
otherwise noted.
Table 4.
Parameter1, 2
Limit at TMIN, TMAX
(A Version)
Unit
Conditions/Comments
fCLKIN3, 4
400
kHz min
Master clock frequency: crystal oscillator or externally supplied for specified
performance
2.5
MHz max
tCLK IN LO
0.4 × tCLK IN
ns min
Master clock input low time; tCLK IN = 1/fCLK IN
tCLK IN HI
0.4 × tCLK IN
ns min
Master clock input high time
t1
500 × tCLK IN
ns nom
DRDY high time
t2
100
ns min
RESET pulsewidth
Read Operation
t3
0
ns min
DRDY to CS setup time
t4
120
ns min
CS falling edge to SCLK rising edge setup time
t55
0
ns min
SCLK falling edge to data valid delay
80
ns max
DVDD = 5 V
100
ns max
DVDD = 3.3 V
t6
100
ns min
SCLK high pulsewidth
t7
100
ns min
SCLK low pulsewidth
t8
0
ns min
CS rising edge to SCLK rising edge hold time
t96
10
ns min
Bus relinquish time after SCLK rising edge
60
ns max
DVDD = +5 V
100
ns max
DVDD = +3.3 V
t10
100
ns max
SCLK falling edge to DRDY high7
Write Operation
t11
120
ns min
CS falling edge to SCLK rising edge setup time
t12
30
ns min
Data valid to SCLK rising edge setup time
t13
20
ns min
Data valid to SCLK rising edge hold time
t14
100
ns min
SCLK high pulsewidth
t15
100
ns min
SCLK low pulsewidth
t16
0
ns min
CS rising edge to SCLK rising edge hold time
1
Sample tested at +25°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of DVDD) and timed from a voltage level of 1.6 V.
2
See Figure 8 and Figure 9.
3
CLKIN Duty Cycle range is 45% to 55%. CLKIN must be supplied whenever the AD7715 is not in standby mode. If no clock is present in this case, the device can draw
higher current than specified and possibly become uncalibrated.
4
The AD7715 is production tested with fCLKIN at 2.4576 MHz (1 MHz for some IDD tests). It is guaranteed by characterization to operate at 400 kHz.
5
These numbers are measured with the load circuit of Figure 2 and defined as the time required for the output to cross the VOL or VOH limits.
6
These numbers are derived from the measured time taken by the data output to change 0.5 V when loaded with the circuit of Figure 2. The measured number is then
extrapolated back to remove effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and as such are independent of external bus loading capacitances.
7
DRDY returns high after the first read from the device after an output update. The same data can be read again, if required, while DRDY is high although take care that
subsequent reads do not occur close to the next output update.
TO
OUTPUT
PIN
+1.6V
ISINK (800µA AT DVDD = 5V
100µA AT DVDD = 3.3V)
ISOURCE (200µA AT DVDD = 5V
100µA AT DVDD = 3.3V)
50pF
Figure 2. Load Circuit for Access Time and Bus Relinquish Time


Similar Part No. - AD7715_17

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
More results

Similar Description - AD7715_17

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
ADUM7703 AD-ADUM7703 Datasheet
351Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
Core Technology (Shenzhen) Co., Ltd.
Core Technology (Shenzh...
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
   24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
   24-bit Sigma-Delta ADC
CS1238 CHIPSEA-CS1238 Datasheet
703Kb / 20P
   24-bit Sigma-Delta ADC
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz