Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATBTLC1000 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATBTLC1000
Description  Ultra Low Power BLE 4.1 SoC
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATBTLC1000 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATBTLC1000 Datasheet HTML 3Page - ATMEL Corporation ATBTLC1000 Datasheet HTML 4Page - ATMEL Corporation ATBTLC1000 Datasheet HTML 5Page - ATMEL Corporation ATBTLC1000 Datasheet HTML 6Page - ATMEL Corporation ATBTLC1000 Datasheet HTML 7Page - ATMEL Corporation ATBTLC1000 Datasheet HTML 8Page - ATMEL Corporation ATBTLC1000 Datasheet HTML 9Page - ATMEL Corporation ATBTLC1000 Datasheet HTML 10Page - ATMEL Corporation ATBTLC1000 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
ATBTLC1000 WLCSP SoC [DATASHEET]
Atmel-42493D-ATBTLC1000_WLCSP_SoC-Datasheet_02/2016
7
7
Table 4-1.
ATBTLC1000 WLCSP Pin Description
Pin #
Pin Name
Pin Type
Description / Default Function
A2
VDDIO
Digital Power
I/O Supply, can be less than or equal to VBATT_BUCK
A4
XO_P
Analog/RF
XO Crystal +
A6
VDD_VCO & VDD_SXDIG
Analog/RF
Synthesizer VCO and Digital Supplies 1.2V
B1
AO_GPIO_0
Digital I/O
Always-on External Wakeup
B3
VDDIO_SWITCH
Digital Power
I/O supply switch for external flash
B5
XO_N
Analog/RF
XO Crystal -
B7
RFIO
Analog/RF
RX input and TX output
C2
RTC_CLK_P
PMU
RTC terminal + / 32.768kHz XTAL +
C4
TPP
Analog/RF
Test MUX + output
C6
VDD_RF
Analog/RF
RF Supply 1.2V
D1
RTC_CLK_N
PMU
RTC terminal
– / 32.768kHz XTAL -
D3
LP_GPIO_13
Digital I/O
SPI MISO/SPI FLASH RXD
D5
LP_GPIO_0
Digital I/O
SWD Clock
D7
RFGND
Analog/RF
RF Ground
E2
CHIP_EN
PMU
Master Enable for chip
E4
VSS
Digital Power
Digital I/O and Core Ground
E6
VDD_AMS
Analog/RF
AMS Supply 1.2V
F1
LP_LDO_OUT_1P2
PMU
Low Power LDO output (connect to 1µF decoupling cap)
F3
GPIO_MS1
Mixed Signal I/O
Configurable to be a GPIO Mixed Signal only (ADC inter-
face)
F5
LP_GPIO_11
Digital I/O
SPI MOSI/SPI FLASH TXD
F7
LP_GPIO_1
Digital I/O
SWD I/O
G2
VBATT_BUCK
PMU
DC/DC Converter Supply and General Battery Connection
G4
LP_GPIO_12
Digital I/O
SPI SSN/SPI FLASH SSN
G6
LP_GPIO_2
Digital I/O
UART RXD
H1
VDDC_PD4
PMU
DC/DC Converter 1.2V output and feedback node
H3
GND_BUCK
PMU
DC/DC Converter Ground
H5
LP_GPIO_9
Digital I/O
I2C SCL (high-drive pad, see Table 13-3)
H7
LP_GPIO_3
Digital I/O
UART TXD
J2
VSW
PMU
DC/DC Converter Switching Node
J4
LP_GPIO_10
Digital I/O
SPI SCK/SPI FLASH SCK
J6
LP_GPIO_8
Digital I/O
I2C SDA (high-drive pad, see Table 13-3)


Similar Part No. - ATBTLC1000

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
   BLE Module
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
ATBTLC1000XR MICROCHIP-ATBTLC1000XR Datasheet
6Mb / 78P
   Ultra Low Power BLE 4.1 ATBTLC1000-XR1100A SiP/ ATBTLC1000-ZR110CA Module Datasheet
2017
More results

Similar Description - ATBTLC1000

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAMB11QFNSOC ATMEL-SAMB11QFNSOC Datasheet
1Mb / 61P
   Ultra-low Power BLE 4.1 SoC
ATSAMB11-MR210CA ATMEL-ATSAMB11-MR210CA Datasheet
755Kb / 26P
   Ultra Low Power BLE 4.1 Module
logo
Microchip Technology
ATSAMB11XR MICROCHIP-ATSAMB11XR Datasheet
6Mb / 87P
   Ultra Low Power BLE 4.1 SiP/Module
2017
ATBTLC1000XR MICROCHIP-ATBTLC1000XR Datasheet
6Mb / 78P
   Ultra Low Power BLE 4.1 ATBTLC1000-XR1100A SiP/ ATBTLC1000-ZR110CA Module Datasheet
2017
IS1870 MICROCHIP-IS1870 Datasheet
2Mb / 44P
   Bluetooth짰 Low Energy (BLE) SoC
07/14/15
logo
silex technology americ...
SX-ULPGN-BTZ SILEX-SX-ULPGN-BTZ Datasheet
2Mb / 2P
   Low Power WiFi , BLE ,15.4 Single-Chip SoC
REV X 20190213
logo
Cypress Semiconductor
CYW20719 CYPRESS-CYW20719 Datasheet
1Mb / 49P
   Enhanced Low Power, BR/EDR/BLE Bluetooth 5.0 SOC
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
logo
List of Unclassifed Man...
IS2020 ETC2-IS2020 Datasheet
2Mb / 57P
   Bluetooth짰 4.1 Stereo Audio SOC
logo
ON Semiconductor
AX8052F151 ONSEMI-AX8052F151 Datasheet
545Kb / 51P
   SoC Ultra-Low Power RF-Microcontroller
Revision 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com