Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2409 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2409
Description  Silicon PNP Transistor General Purpose Amp, Surface Mount (Compl to NTE2408)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2409 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2409 Datasheet HTML 1Page - NTE Electronics NTE2409 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TJ = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Base–Emitter Saturation Voltage
VBE(sat)
IC = 10mA, IB = 0.5mA, Note 3
700
mV
IC = 100mA, IB = 5mA, Note 3
850
mV
DC Current Gain
hFE
VCE = 5V, IC = 2mA
220
475
Transition Frequency
fT
VCE = 5V, IC = 10mA, f = 35MHz
150
MHz
Collector Capacitance
Cc
VCB = 10V, IE = Ie = 0, f = 1MHz
4.5
pF
Small–Signal Current Gain
hfe
VCE = 5V, IC = 2mA
75
900
Noise Figure
NF
VCE = 5V, IC = 200µA, f = 1kHz,
B = 200Hz, RS = 2kΩ
2
10
dB
Note 3. VBE(sat) decreases by about 1.7mV with increasing temperature.
.098
(2.5)
Max
.074 (1.9)
.118 (3.0) Max
.051
(1.3)
.043 (1.1)
.007 (0.2)
.016 (0.48)
.037 (0.95)
B
C
E


Similar Part No. - NTE2409

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE240 NTE-NTE240 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Voltage Video Amplifier
NTE2401 NTE-NTE2401 Datasheet
22Kb / 2P
   Silicon PNP Transistor RF Stages in FM Front Ends
NTE2402 NTE-NTE2402 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Low Noise, UHF/VHF Amplifier
NTE2403 NTE-NTE2403 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Low Noise, UHF/VHF Amplifier
NTE2404 NTE-NTE2404 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington, General Purpose
More results

Similar Description - NTE2409

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2407 NTE-NTE2407 Datasheet
23Kb / 2P
   Silicon PNP Transistor General Purpose Amp, Surface Mount (Compl to NTE2406)
NTE2406 NTE-NTE2406 Datasheet
26Kb / 3P
   Silicon NPN Transistor General Purpose Amp, Surface Mount (Compl to NTE2407)
NTE2408 NTE-NTE2408 Datasheet
22Kb / 2P
   Silicon NPN Transistor General Purpose Amp, Surface Mount (Compl to NTE2409)
NTE2413 NTE-NTE2413 Datasheet
20Kb / 2P
   Silicon PNP Transistor General Purpose, High Voltage Amp, (Compl to NTE2412)
NTE2412 NTE-NTE2412 Datasheet
19Kb / 2P
   Silicon NPN Transistor General Purpose, High Voltage Amp, (Compl to NTE2413)
NTE2431 NTE-NTE2431 Datasheet
19Kb / 2P
   Silicon PNP Transistor High Voltage Amp/Switch (Compl to NTE2430)
NTE2366 NTE-NTE2366 Datasheet
19Kb / 2P
   Silicon PNP Transistor High Voltage Video Amp (Compl to NTE399)
NTE2411 NTE-NTE2411 Datasheet
22Kb / 2P
   Silicon PNP Transistor High Voltage Amp/Driver (Compl to NTE2410)
logo
TT Electronics.
2N2907AUB TTELEC-2N2907AUB Datasheet
566Kb / 4P
   Surface Mount PNP General Purpose Transistor
logo
Micropac Industries
61083 MICROPAC-61083 Datasheet
83Kb / 2P
   SURFACE MOUNT (PNP) GENERAL PURPOSE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com