Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4540-632-AL Datasheet(PDF) 1 Page - RAF ELECTRONIC HARDWARE

Part # 4540-632-AL
Description  1/4 HEX MALE FEMALE STANDOFFS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAF [RAF ELECTRONIC HARDWARE]
Direct Link  http://www.rafhdwe.com/
Logo RAF - RAF ELECTRONIC HARDWARE

4540-632-AL Datasheet(HTML) 1 Page - RAF ELECTRONIC HARDWARE

  4540-632-AL Datasheet HTML 1Page - RAF ELECTRONIC HARDWARE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This Drawing is the Property of RAF.
It contains confidential, proprietary
information that is RAF property. Do
not disclose to or duplicate for others
except as authorized by RAF.
TOLERANCES
ALL DIMENSIONS ARE INCHES
(UNLESS OTHERWISE SPECIFIED)
METALLIC
LENGTHS </=: 6 INCHES ± 0.005
LENGTH >: 6 INCHES ±0.010
DIAMETERS: ±0.005
NON-METALLIC
LENGTH: ±0.010 DIAMETERS: ± 0.010
INTERNAL THREADS:
MINIMUM THREAD DEPTH
SCALE
SHEET
1 of 1
REV
DATE
DRN
CHK
CHANGE
SJ
T
Drawn
1/4
[6.35]
HEX
1/4
[6.35]
1½ THREADS MAX.
TO MINOR DIA.
3/8
[9.53]
0.875
[22.23]
1/4 HEX MALE FEMALE STANDOFFS
4540-632-AL
N.T.S.
95 Silvermine Rd.,Seymour CT 06483
Tel: 203-888-2133, Fax: 203-888-9860
02/08/17
COMPONENT
STANDOFFS
NOTES:
1. Material : Aluminum
2. Finish : No Plate
3. ASME Y14.5M - 2009
4. All Drawing Dimensions are in Inches [mm]
5. Unless otherwise specified; Edge Breaks,
Radii or Countersinks 0.005-0.015
THREAD
6-32 UNC 2B
THREAD
6-32 UNC 2A


Similar Part No. - 4540-632-AL

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
4540-632-S RAF-4540-632-S Datasheet
95Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
4540-632-SS RAF-4540-632-SS Datasheet
95Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
More results

Similar Description - 4540-632-AL

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
4531-632-AL RAF-4531-632-AL Datasheet
90Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
4531-632-N RAF-4531-632-N Datasheet
90Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
4532-632-AL RAF-4532-632-AL Datasheet
92Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
4534-440-S RAF-4534-440-S Datasheet
92Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
4538-632-N RAF-4538-632-N Datasheet
96Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
4542-440-AL RAF-4542-440-AL Datasheet
85Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
4542-832-SS RAF-4542-832-SS Datasheet
107Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
4550-440-SS RAF-4550-440-SS Datasheet
81Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
4534-440-N RAF-4534-440-N Datasheet
92Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
4535-632-S RAF-4535-632-S Datasheet
97Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
4540-632-S RAF-4540-632-S Datasheet
95Kb / 1P
   1/4 HEX MALE FEMALE STANDOFFS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com