Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE2CP1061 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE2CP1061
Description  Low PIM Directional 10 dB N Coupler To 2.7 GHz Rated to 200 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1061 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE2CP1061 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1061 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1061 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE2CP1061 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE2CP1061 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
700
900
1100
1300
1500
1700
1900
2100
2300
2500
2700
0 dB
698 MHz
Insertion Loss
-15.00
-13.50
-12.00
-10.50
-9.00
-7.50
-6.00
-4.50
-3.00
-1.50
0.00
700
900
1100
1300
1500
1700
1900
2100
2300
2500
2700
0 dB
698 MHz
Coupling
PE2CP1061 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low PIM Directional 10 dB N Coupler To 2.7 GHz Rated to 200 Watts PE2CP1061
Couplers Technical Data Sheet
PE2CP1061
Low PIM Directional 10 dB N Coupler To
2.7 GHz Rated to 200 Watts


Similar Part No. - PE2CP1061

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1060 PASTERNACK-PE2CP1060 Datasheet
481Kb / 5P
   Low PIM Directional 6 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1062 PASTERNACK-PE2CP1062 Datasheet
492Kb / 5P
   Low PIM Directional 10 dB 7/16 DIN Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1063 PASTERNACK-PE2CP1063 Datasheet
478Kb / 5P
   Low PIM Directional 10 dB 4.1/9.5 Mini DIN Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1064 PASTERNACK-PE2CP1064 Datasheet
481Kb / 5P
   Low PIM Directional 10 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1065 PASTERNACK-PE2CP1065 Datasheet
479Kb / 5P
   Low PIM Directional 15 dB N Coupler To 2.7 GHz Rated to 200 Watts
More results

Similar Description - PE2CP1061

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1073 PASTERNACK-PE2CP1073 Datasheet
480Kb / 5P
   Low PIM Directional 30 dB N Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1064 PASTERNACK-PE2CP1064 Datasheet
481Kb / 5P
   Low PIM Directional 10 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1065 PASTERNACK-PE2CP1065 Datasheet
479Kb / 5P
   Low PIM Directional 15 dB N Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1057 PASTERNACK-PE2CP1057 Datasheet
489Kb / 5P
   Low PIM Directional 6 dB N Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1069 PASTERNACK-PE2CP1069 Datasheet
489Kb / 5P
   Low PIM Directional 20 dB N Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1068 PASTERNACK-PE2CP1068 Datasheet
481Kb / 5P
   Low PIM Directional 15 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1060 PASTERNACK-PE2CP1060 Datasheet
481Kb / 5P
   Low PIM Directional 6 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1072 PASTERNACK-PE2CP1072 Datasheet
481Kb / 5P
   Low PIM Directional 20 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1076 PASTERNACK-PE2CP1076 Datasheet
481Kb / 5P
   Low PIM Directional 30 dB 4.3-10 Coupler To 2.7 GHz Rated to 200 Watts
PE2CP1062 PASTERNACK-PE2CP1062 Datasheet
492Kb / 5P
   Low PIM Directional 10 dB 7/16 DIN Coupler To 2.7 GHz Rated to 200 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com