Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE1209 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # XE1209
Description  30-70 KHZ ULTRA LOW POWER CMOS TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE1209 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  XE1209 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE1209 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE1209 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE1209 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE1209 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE1209 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE1209 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE1209 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
;(²N+]
/RZ3RZHU&0267UDQVFHLYHU
$%62/87( 0$;,080 5$7,1*623(5$7,1* 5$1*(6 $1' (;7(51$/ &21',7,216
6\PE
3DUDPHWHUV
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
672B75
6WRUDJHWHPSHUDWXUH
UDQJH



ƒ&
75
2SHUDWLQJWHPSHUDWXUH
UDQJH



ƒ&
9''
2SHUDWLQJVXSSO\
YROWDJH



9
)5()B(;7
3//UHIHUHQFHIUHTXHQF\ External
oscillator,Vdd=2.6 V,
temp=25 °C
 

N+]
&/B&.
([WHUQDOFDSDFLWLYHORDG
RQWKHSLQ&/.
)XOOUDQJHRI9GG DQG
WHPSHUDWXUH


S)
,/B&.
([WHUQDOOHDNDJH FXUUHQW
RQWKHSLQ&/.
)XOOUDQJHRI9GG DQG
WHPSHUDWXUH


Q$
53B26&
3DUDVLWLFUHVLVWDQFH
EHWZHHQWKHSLQV4,1
4287DQG DQ\RWKHU
$6,&SLQ
)XOOUDQJHRI9GG DQG
WHPSHUDWXUH



0Ω
&3B26&
3DUDVLWLFFDSDFLWDQFH
EHWZHHQWKHSLQV4,1
4287DQG DQ\RWKHU
$6,&SLQ
)XOOUDQJHRI9GG DQG
WHPSHUDWXUH



S)
6WUHVVHV DERYH WKRVH OLVWHG LQ WKLV FODXVH PD\ FDXVH SHUPDQHQW GHYLFH IDLOXUH ([SRVXUH WR DEVROXWHPD[LPXP UDWLQJV
IRU H[WHQGHG SHULRGV PD\ DIIHFW GHYLFH UHOLDELOLW\
(OHFWURVWDWLFGLVFKDUJHV
7KH GHYLFH ZLWKVWDQGV  9ROWV 6WDQGDUGL]HG +XPDQ %RG\ 0RGHO (6' SXOVHV ZKHQ WHVWHG
DFFRUGLQJWR0,/&PHWKRG SLQFRPELQDWLRQ 
/DWFKXS
6WDWLFODWFKXSSURWHFWLRQOHYHOLVP$ DW&
(/(&75,&$/63(&,),&$7,216
(OHFWULFDOVSHFLILFDWLRQVDUHGHILQHGIRU9GG 97HPS ƒ&IF N+]DQGD GDWD UDWH RI 
ELWVXQOHVVRWKHUZLVHVSHFLILHG
6\PE
3DUDPHWHUV
&RQGLWLRQV
0LQ
7\S
0D[
8QLW
,''6
6WDQGE\FXUUHQW
Oscillator stopped



—$
,''6
6WDQGE\FXUUHQW
2VFLOODWRU DFWLYH 9'' 9
7HPS
 WR ƒ&
XQORDGHG


—$
,''
6XSSO\FXUUHQWLQSHDN
GHWHFWLRQPRGH 0
7HPS
WRƒ&



—$
,''
6XSSO\FXUUHQWLQUHFHLYHU
PRGH 0
7HPS
WRƒ&



—$


Similar Part No. - XE1209

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE1209 SEMTECH-XE1209 Datasheet
156Kb / 10P
   Ultra Low Power CMOS Transceiver
XE1209C012TRLF SEMTECH-XE1209C012TRLF Datasheet
156Kb / 10P
   Ultra Low Power CMOS Transceiver
More results

Similar Description - XE1209

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE1209 SEMTECH-XE1209 Datasheet
156Kb / 10P
   Ultra Low Power CMOS Transceiver
logo
SiTime Corp.
SIT1630 SITIME-SIT1630 Datasheet
792Kb / 9P
   Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
logo
RSG Electronic Componen...
CX4VSM RSG-CX4VSM Datasheet
501Kb / 2P
   30 kHz to 200 kHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
logo
ON Semiconductor
AX-SFEU ONSEMI-AX-SFEU Datasheet
279Kb / 20P
   Ultra-Low Power Transceiver IC
August, 2016 ??Rev. 4
logo
Balluff Korea Ltd.
BIS00H7 BALLUFF-BIS00H7 Datasheet
144Kb / 3P
   LF (70/455 kHz)
BIS00HH BALLUFF-BIS00HH Datasheet
153Kb / 3P
   LF (70/455 kHz)
BIS00JR BALLUFF-BIS00JR Datasheet
106Kb / 2P
   LF (70/455 kHz)
BIS00P5 BALLUFF-BIS00P5 Datasheet
220Kb / 4P
   LF (70/455 kHz)
BIS001H BALLUFF-BIS001H Datasheet
100Kb / 2P
   LF (70/455 kHz)
BIS002R BALLUFF-BIS002R Datasheet
113Kb / 2P
   LF (70/455 kHz)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com