Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT-F199TW5 Datasheet(PDF) 13 Page - Inolux Corporation

Part # HT-F199TW5
Description  0.25mm Height InGaN White 0603 (1608)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-F199TW5 Datasheet(HTML) 13 Page - Inolux Corporation

Back Button HT-F199TW5 Datasheet HTML 8Page - Inolux Corporation HT-F199TW5 Datasheet HTML 9Page - Inolux Corporation HT-F199TW5 Datasheet HTML 10Page - Inolux Corporation HT-F199TW5 Datasheet HTML 11Page - Inolux Corporation HT-F199TW5 Datasheet HTML 12Page - Inolux Corporation HT-F199TW5 Datasheet HTML 13Page - Inolux Corporation HT-F199TW5 Datasheet HTML 14Page - Inolux Corporation HT-F199TW5 Datasheet HTML 15Page - Inolux Corporation HT-F199TW5 Datasheet HTML 16Page - Inolux Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
0.25mm Height InGaN White 0603 (1608)
HT-F199TW5
Official Product
HT Part No. HT-F199TW5
Customer Part No.
Data Sheet No.
Preliminary Product
****************
****************
HT-F199TW5
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
December 9, 2009
Version of 1.0
Page
13/16
Dry Pack
All SMD optical devices are MOISTURE SENSITIVE. Avoid exposure to moisture at all times
during transportation or storage. Every reel is packaged in a moisture protected anti-static bag.
Each bag is properly sealed prior to shipment.
Upon request, a humidity indicator will be included in the moisture protected anti-static bag
prior to shipment.
The packaging sequence is as follows:
PRECAUTIONS
1.
Avoid exposure to moisture at all times during transportation or storage.
2.
Anti-Static precaution must be taken when handling GaN, InGaN, and AlInGaP products.
3.
It is suggested to connect the unit with a current limiting resistor of the proper size. Avoid
applying a reverse voltage beyond the specified limit.
4.
Avoid operation beyond the limits as specified by the absolute maximum ratings.
5.
Avoid direct contact with the surface through which the LED emits light.
6.
If possible, assemble the unit in a clean room or dust-free environment.


Similar Part No. - HT-F199TW5

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
HT-F194 ELITE-HT-F194 Datasheet
190Kb / 2P
   Visible LED
HT-F194NB ELITE-HT-F194NB Datasheet
190Kb / 2P
   Visible LED
HT-F194NG ELITE-HT-F194NG Datasheet
190Kb / 2P
   Visible LED
HT-F194NW ELITE-HT-F194NW Datasheet
190Kb / 2P
   Visible LED
logo
Inolux Corporation
HT-F196 INOLUX-HT-F196 Datasheet
1Mb / 21P
   Harvatek Surface Mount LED
More results

Similar Description - HT-F199TW5

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDW-CJD-RS2-1 DOMINANT-DDW-CJD-RS2-1 Datasheet
800Kb / 13P
   LED InGaN White
DDW-DJD-UV2-1 DOMINANT-DDW-DJD-UV2-1 Datasheet
770Kb / 12P
   LED InGaN White
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
logo
DOMINANT Semiconductors
DWW-UJG DOMINANT-DWW-UJG Datasheet
847Kb / 13P
   Power LED InGaN White
DWW-SJD-TU2-1 DOMINANT-DWW-SJD-TU2-1 Datasheet
873Kb / 13P
   Power LED InGaN White
DDW-DJD-V2W-1 DOMINANT-DDW-DJD-V2W-1 Datasheet
770Kb / 12P
   LED InGaN White High Brightness
logo
KODENSHI_AUK CORP.
KLB-16WC KODENSHI-KLB-16WC Datasheet
184Kb / 2P
   White Light Emitting Diode(InGaN)
logo
DOMINANT Semiconductors
SSW-ULD DOMINANT-SSW-ULD Datasheet
780Kb / 12P
   SpiceLED InGaN White S-Spice
SMW-ULD DOMINANT-SMW-ULD Datasheet
610Kb / 12P
   SpiceLED InGaN White M-Spice
NPW-USD-AAC-1 DOMINANT-NPW-USD-AAC-1 Datasheet
589Kb / 14P
   SPNovaLED InGaN White: 350 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com