Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT-1861TX-05 Datasheet(PDF) 6 Page - Inolux Corporation

Part # HT-1861TX-05
Description  Harvatek Surface Mount Chip LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-1861TX-05 Datasheet(HTML) 6 Page - Inolux Corporation

Back Button HT-1861TX-05 Datasheet HTML 2Page - Inolux Corporation HT-1861TX-05 Datasheet HTML 3Page - Inolux Corporation HT-1861TX-05 Datasheet HTML 4Page - Inolux Corporation HT-1861TX-05 Datasheet HTML 5Page - Inolux Corporation HT-1861TX-05 Datasheet HTML 6Page - Inolux Corporation HT-1861TX-05 Datasheet HTML 7Page - Inolux Corporation HT-1861TX-05 Datasheet HTML 8Page - Inolux Corporation HT-1861TX-05 Datasheet HTML 9Page - Inolux Corporation HT-1861TX-05 Datasheet HTML 10Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Top Mount Chip LED
HT-1861TX-05
Official Product
Product: HT-1861TX-05
Data Sheet No.
Tentative Product
****************
HT-1861TX-05
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 19, 2013
Version of 1.0
Page
6/16
Luminous Intensity (Iv) Bin:
Bin
Luminous Intensity Range (mcd)
Minimum
Maximum
P
45
71.5
Q
71.5
112.5
R
112.5
180
S
180
285
@20mA / Ta=25
O C, Tolerance: + 10%
Forward Voltage (VF) Bin:
@20mA / Ta=25℃, Tolerance: + 0.05 V
Color
Bin Code
Spec. Range
White (TW)
G2T
2.55 – 2.65V
G3T
2.65 – 2.75V
G4T
2.75 – 2.85V
H1T
2.85 – 2.95V
H2T
2.95 – 3.05V
H3T
3.05 – 3.15V
H4T
3.15 – 3.25V


Similar Part No. - HT-1861TX-05

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HT-182TW5 INOLUX-HT-182TW5 Datasheet
1Mb / 18P
   Harvatek Surface Mount LED
More results

Similar Description - HT-1861TX-05

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HT-B3053FCH INOLUX-HT-B3053FCH Datasheet
874Kb / 16P
   Harvatek Surface Mount CHIP LED
HT-19Y1TX INOLUX-HT-19Y1TX Datasheet
854Kb / 17P
   Harvatek Surface Mount Chip LED
HT-D1711BP INOLUX-HT-D1711BP Datasheet
707Kb / 14P
   Harvatek Surface Mount Chip LED
HT-380FCH INOLUX-HT-380FCH Datasheet
719Kb / 14P
   Harvatek Surface Mount CHIP LED
HT-E17C1BP INOLUX-HT-E17C1BP Datasheet
1Mb / 20P
   Harvatek Surface Mount Chip LED
HT-182TW5 INOLUX-HT-182TW5 Datasheet
1Mb / 18P
   Harvatek Surface Mount LED
HT-297 INOLUX-HT-297 Datasheet
1Mb / 20P
   Harvatek Surface Mount LED
HT-110 INOLUX-HT-110 Datasheet
1Mb / 24P
   Harvatek Surface Mount LED
HT-B259 INOLUX-HT-B259 Datasheet
1Mb / 17P
   Harvatek Surface Mount LED
HT-F196 INOLUX-HT-F196 Datasheet
1Mb / 21P
   Harvatek Surface Mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com