Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT-170NG Datasheet(PDF) 9 Page - Inolux Corporation

Part # HT-170NG
Description  Harvatek Surface Mount LED
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HT-170NG Datasheet(HTML) 9 Page - Inolux Corporation

Back Button HT-170NG Datasheet HTML 5Page - Inolux Corporation HT-170NG Datasheet HTML 6Page - Inolux Corporation HT-170NG Datasheet HTML 7Page - Inolux Corporation HT-170NG Datasheet HTML 8Page - Inolux Corporation HT-170NG Datasheet HTML 9Page - Inolux Corporation HT-170NG Datasheet HTML 10Page - Inolux Corporation HT-170NG Datasheet HTML 11Page - Inolux Corporation HT-170NG Datasheet HTML 12Page - Inolux Corporation HT-170NG Datasheet HTML 13Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Top-emitting 0805 (2013)
HT-170 Series
Official Product
Product: HT-170 Series
Data Sheet No.
Tentative Product
****************
HT-170 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 18, 2013
Version of 1.0
Page
9/24
Forward Voltage (VF) Bin:
@20mA / Ta=25℃, Tolerance: + 0.05 V
Color
Bin Code
Spec. Range
Blue (NB)
Green (NG)
White (TW)
G8
2.7-2.9 V
H7
2.9-3.1 V
H8
3.1-3.3 V
J7
3.3-3.5 V
J8
3.5-3.7 V
K7
3.7-3.9 V
Ultra Bright
(UYG, UY, UD, USD)
-
2.4 V max


Similar Part No. - HT-170NG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT-170NG ETC2-HT-170NG Datasheet
956Kb / 23P
   Harvatek Surface Mount LED Data Sheet
logo
Elite Enterprises (H.K....
HT-170NG ELITE-HT-170NG Datasheet
385Kb / 2P
   Visible LED
More results

Similar Description - HT-170NG

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HT-182TW5 INOLUX-HT-182TW5 Datasheet
1Mb / 18P
   Harvatek Surface Mount LED
HT-297 INOLUX-HT-297 Datasheet
1Mb / 20P
   Harvatek Surface Mount LED
HT-110 INOLUX-HT-110 Datasheet
1Mb / 24P
   Harvatek Surface Mount LED
HT-B259 INOLUX-HT-B259 Datasheet
1Mb / 17P
   Harvatek Surface Mount LED
HT-F196 INOLUX-HT-F196 Datasheet
1Mb / 21P
   Harvatek Surface Mount LED
HT-12H INOLUX-HT-12H Datasheet
1Mb / 21P
   Harvatek Surface Mount LED
HT-121 INOLUX-HT-121 Datasheet
1Mb / 24P
   Harvatek Surface Mount LED
HT-210 INOLUX-HT-210 Datasheet
1Mb / 21P
   Harvatek Surface Mount LED
HT-B3053FCH INOLUX-HT-B3053FCH Datasheet
874Kb / 16P
   Harvatek Surface Mount CHIP LED
HT-19Y1TX INOLUX-HT-19Y1TX Datasheet
854Kb / 17P
   Harvatek Surface Mount Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com