Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD16347 Datasheet(PDF) 1 Page - NEC

Part # UPD16347
Description  192-BIT AC-PDP DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16347 Datasheet(HTML) 1 Page - NEC

  UPD16347 Datasheet HTML 1Page - NEC UPD16347 Datasheet HTML 2Page - NEC UPD16347 Datasheet HTML 3Page - NEC UPD16347 Datasheet HTML 4Page - NEC UPD16347 Datasheet HTML 5Page - NEC UPD16347 Datasheet HTML 6Page - NEC UPD16347 Datasheet HTML 7Page - NEC UPD16347 Datasheet HTML 8Page - NEC UPD16347 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
2002
MOS INTEGRATED CIRCUIT
µµµµ PD16347
192-BIT AC-PDP DRIVER
DATA SHEET
Document No. S16472EJ1V0DS00 (1st edition)
Date Published June 2003 NS CP(K)
Printed in Japan
The mark 5
5
5
5 shows major revised points.
DESCRIPTION
The
µ PD16347 is a high-withstanding-voltage CMOS driver designed for use with a flat display panel such as a
PDP, VFD, or EL panel. It consists of a 192-bit bi-directional shift register, 192-bit latch and high-withstanding-voltage
CMOS driver. The logic block operates with a 5.0 V power supply and 3.3 V interface so that it can be directly
connected to a gate array and microcomputer. The driver block provides a high-withstanding-voltage output: 80 V.
The logic and driver blocks are made of CMOS circuits, consuming lower power.
FEATURES
• 3-ch, 4-ch, 6-ch and 6-ch (3-ch + 3-ch) input port switching is possible using the IBS1 and IBS2 pins
• Many outputs: 192-bit output
• Clock transfer is switchable via the SDS pin between single edge and double edge
• Data control with transfer clock (external) and latch
• High-speed data transfer: fCLK = 60 MHz MAX. (at loading of data)
• On-chip chip temperature detection circuit
• High withstanding voltage and high drive output: 80 V MAX., +15/–30 mA MAX.
• 3.3 V input interface (VDD1 = 5.0 V)
• High-withstanding-voltage CMOS structure
ORDERING INFORMATION
Part Number
Package
µ PD16347N-xxx
TCP (TAB package)
Remark The TCP's external shape is customized. To order the required shape, please contact one of our sales
representatives.


Similar Part No. - UPD16347

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16340 NEC-UPD16340 Datasheet
97Kb / 16P
   96-BIT AC-PDP DRIVER
logo
Renesas Technology Corp
UPD16340 RENESAS-UPD16340 Datasheet
266Kb / 18P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD16341 NEC-UPD16341 Datasheet
125Kb / 9P
   96-BIT AC-PDP DRIVER
UPD16342 NEC-UPD16342 Datasheet
142Kb / 15P
   96-BIT AC-PDP DRIVER
logo
Renesas Technology Corp
UPD16342 RENESAS-UPD16342 Datasheet
316Kb / 18P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD16347

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16340 NEC-UPD16340 Datasheet
97Kb / 16P
   96-BIT AC-PDP DRIVER
logo
Renesas Technology Corp
PD16334 RENESAS-PD16334_15 Datasheet
302Kb / 14P
   96-Bit AC-PDP DRIVER
logo
Integral Corp.
IND16305 INTEGRAL-IND16305 Datasheet
342Kb / 7P
   40-BIT AC-PDP DRIVER
logo
NEC
UPD16337 NEC-UPD16337 Datasheet
102Kb / 16P
   64-BIT AC-PDP DRIVER
logo
Renesas Technology Corp
PD16335 RENESAS-PD16335_15 Datasheet
201Kb / 14P
   96-Bit AC-PDP DRIVER
logo
NEC
UPD16344 NEC-UPD16344 Datasheet
96Kb / 16P
   64-BIT AC-PDP DRIVER
UPD16342 NEC-UPD16342 Datasheet
142Kb / 15P
   96-BIT AC-PDP DRIVER
UPD16334 NEC-UPD16334 Datasheet
97Kb / 12P
   96-Bit AC-PDP DRIVER
UPD16335 NEC-UPD16335 Datasheet
70Kb / 12P
   96-Bit AC-PDP DRIVER
UPD16341 NEC-UPD16341 Datasheet
125Kb / 9P
   96-BIT AC-PDP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com