Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2708 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UC2708
Description  Dual Non-Inverting Power Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2708 Datasheet(HTML) 4 Page - Texas Instruments

  UC2708 Datasheet HTML 1Page - Texas Instruments UC2708 Datasheet HTML 2Page - Texas Instruments UC2708 Datasheet HTML 3Page - Texas Instruments UC2708 Datasheet HTML 4Page - Texas Instruments UC2708 Datasheet HTML 5Page - Texas Instruments UC2708 Datasheet HTML 6Page - Texas Instruments UC2708 Datasheet HTML 7Page - Texas Instruments UC2708 Datasheet HTML 8Page - Texas Instruments UC2708 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Note: Shutdown feature available only in JE, NE or DW Packages.
Figure 2: Equivalent Input Circuits
Figure 1: AC Test Circuit and Switching Time Waveforms
4.3V
0V
20V
0V
INPUT
90%
50%
10%
OUTPUT
90%
10%
50%
TP
TP
TT
TT
LH
LH
HL
HL
UDG-92025
UDG-92026
UC1708
UC2708
UC3708
From Shutdown Input to Output
Rise Time Delay (TPLH)
CL = 0pF
25
75
ns
CL = 1000pF (Note 3)
30
75
ns
CL = 2200pF
35
75
ns
10% to 90% Rise (TTLH)
CL = 0pf
50
75
ns
CL = 1000pF (Note 3)
25
50
ns
CL = 2200pF
40
55
ns
Fall Time Delay (TPHL)
CL = 0pF
25
45
ns
CL = 1000pF (Note 3)
30
50
ns
CL = 2200pF
35
55
ns
90% to 10% Fall (TTHL)
CL = 0pF
25
20
ns
CL = 1000pF (Note 3)
25
45
ns
CL = 2200pF
40
55
ns
Total Supply Current
F = 200kHz, 50% duty cycle, both channels; CL = 0pF
23
25
mA
F = 200kHz, 50% duty cycle, both channels; CL = 2200pF
38
45
mA
SWITCHING CHARACTERISTICS (Figure 1), (VIN = 20V, delays measured to 10% output change.)
NOTE 3: These parameters, specified at 1000pF, although ensured over recommended operating conditions, are not tested in
production.


Similar Part No. - UC2708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2708 TI-UC2708 Datasheet
221Kb / 5P
[Old version datasheet]   Dual Non-Inverting Power Driver
UC2708 TI-UC2708 Datasheet
578Kb / 16P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC2708 TI1-UC2708 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC2708D TI-UC2708D Datasheet
578Kb / 16P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC2708D TI1-UC2708D Datasheet
1Mb / 18P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
More results

Similar Description - UC2708

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1708 TI-UC1708_08 Datasheet
578Kb / 16P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
UC1708 TI-UC1708 Datasheet
221Kb / 5P
[Old version datasheet]   Dual Non-Inverting Power Driver
UC1708 TI1-UC1708_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL NON-INVERTING POWER DRIVER
logo
Microsemi Corporation
APTRG8A120G MICROSEMI-APTRG8A120G Datasheet
249Kb / 4P
   Dual IGBT Isolated Driver (Non Inverting)
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
Fairchild Semiconductor
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
   Hex Non-Inverting Driver
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
logo
ON Semiconductor
NLU2G16 ONSEMI-NLU2G16_16 Datasheet
70Kb / 7P
   Dual Non-Inverting Buffer
July, 2016 ??Rev. 6
NLU2G16 ONSEMI-NLU2G16 Datasheet
98Kb / 8P
   Dual Non-Inverting Buffer
March, 2008 - Rev. 2
NLU2G16 ONSEMI-NLU2G16_12 Datasheet
135Kb / 10P
   Dual Non-Inverting Buffer
July, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com