Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3843BCD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TS3843BCD
Description  High Performance Current Mode Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TS3843BCD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TS3843BCD Datasheet HTML 1Page - List of Unclassifed Manufacturers TS3843BCD Datasheet HTML 2Page - List of Unclassifed Manufacturers TS3843BCD Datasheet HTML 3Page - List of Unclassifed Manufacturers TS3843BCD Datasheet HTML 4Page - List of Unclassifed Manufacturers TS3843BCD Datasheet HTML 5Page - List of Unclassifed Manufacturers TS3843BCD Datasheet HTML 6Page - List of Unclassifed Manufacturers TS3843BCD Datasheet HTML 7Page - List of Unclassifed Manufacturers TS3843BCD Datasheet HTML 8Page - List of Unclassifed Manufacturers TS3843BCD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Electrical Characteristics
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
Reference Output Voltage (Io=1.0mA,TJ = 25
+)
Vref
4.9
5.0
5.1
V
Line Regulation (VCC =12V to 25V)
Regline
-
2.0
20
mV
Load Regulation (Io =1.0mA to 20mA)
Regload
-
3.0
25
mV
Temperature Stability
Ts
-
0.2
-
mV/
+
Total Output Variation over Line,Load ,and
Temperature
Vref
4.82
-
5.18
V
Output Noise Voltage (f = 10Hz to 10kHz, TJ=25
+)
Vn
-
50
-
µV
Long Term Stability ( TA=125
+ for 1000 Hours)
S-
5.0
-
mV
Output Short Circuit Current
Isc
-30
-85
180
mA
OSCILLATOR SECTION
Frequency
TJ=25
+
47
52
57
TA=Tlow to Thigh
46
-
60
Frequency Change with Voltage (VCC =12V to 25V)
fosc/
V
-0.2
1.0
%
Frequency Change with Temperature
TA=Tlow to Thigh
Oscillator Voltage Swing ( Peak-to-Peak)
Vosc
-
1.6
-
V
Discharge Current (Vosc=2.0V)
TJ=25
+
7.5
8.4
9.3
TA=Tlow to Thigh
7.2
-
9.5
%
KHz
mA
fosc/
T
Fosc
Idischg
-5.0
-
REFFRENCE SECTION
VCC=15V (Note 2), RT=10K, CT=3.3nF, TA=Tlow to Thigh (Note 3), unless otherwise noted.


Similar Part No. - TS3843BCD

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3843BCD TSC-TS3843BCD Datasheet
402Kb / 20P
   High Performance Current Mode Controller
More results

Similar Description - TS3843BCD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
logo
List of Unclassifed Man...
PJ3843B ETC1-PJ3843B Datasheet
845Kb / 14P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_12 Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
First Components Intern...
UC3842A FCI-UC3842A Datasheet
262Kb / 6P
   High Performance Current Mode Controller
UC3843A FCI-UC3843A Datasheet
263Kb / 6P
   High Performance Current Mode Controller
UC3844A FCI-UC3844A Datasheet
254Kb / 6P
   High Performance Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com