Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TDR3-1223SM Datasheet(PDF) 2 Page - TRACO Electronic AG

Part No. TDR3-1223SM
Description  DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRACOPOWER [TRACO Electronic AG]
Homepage  http://www.tracopower.com
Logo 

TDR3-1223SM Datasheet(HTML) 2 Page - TRACO Electronic AG

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.tracopower.com
Page 2 of 4
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
DC/DC Converters
TDR 3 Series
3 Watt
Input Specifications
Input current at no load (nominal input voltage)
5 Vin models: 50 mA typ.
12 Vin models: 30 mA typ.
24 Vin models: 13 mA typ.
48 Vin models: 10 mA typ.
Input current at full load (nominal input voltage)
5 Vin models: 790 mA typ.
12 Vin models: 320 mA typ.
24 Vin models: 160 mA typ.
48 Vin models: 80 mA typ.
Surge voltage (1 s max.)
5 Vin models: 15 V max.
12 Vin models: 25 V max.
24 Vin models: 50 V max.
48 Vin models: 100 V max.
Input filter
capacitor type (see EMC considerations page 3
for compliance to EN 55022 class A/B)
ESD (electrostatic discharge)
EN 61000-4-2, air ±8 kV, contact ±6 kV,
perf. criteria A
Radiated immunity
EN 61000-4-3 10 V/m, perf. criteria A
Fast transient / Surge
EN 61000-4-4, ±2 kV, perf. criteria A
EN 61000-4-5, ±1 kV perf. criteria A
with external input capacitor e.g. Nippon
chemi-con KY 220 µF, 100 V, ESR 48 mOhm
Conducted immunity
EN 61000-4-6, 10 Vrms, perf. criteria A
Power frequency magnetic field
EN 61000-4-8, 100 A/m, perf. criteria A
Reflected ripple current
5 Vin models: 80 mAp-p typ.
(measured with input filter according class A)
12 Vin models: 40 mAp-p typ.
24 Vin models: 30 mAp-p typ.
48 Vin models: 20 mAp-p typ.
Output Specifications
Voltage set accuracy
±1 % max
Regulation
– Input variation Vin min. to Vin max.
0.2 % max.
– Load variation 0 – 100 %
single output models: 1.0 % max.
dual output models: 1.0 % max. balanced load
– Load variation 10 – 90 %
single output models: 0.5 % max.
dual output models: 0.8 % max. balanced load
– Load cross regulation 25/100 %
5.0 % max. (dual output models)
Minimum load
0 % of rated max. load
Temperature coefficient
±0.02 %/K
Ripple and noise (20 MHz bandwidth)
30 mVp-p typ.
Start up time
– Power On
5 ms typ.
(constant resistive load)
– Remote On
5 ms typ.
Transient response setting time (25 % load step change)
250 µs typ.
Short circuit protection
continuous, automatic recovery
Capacitive load
5 VDC models: 1680 µF max.
12 VDC models: 820 µF max.
15 VDC models: 680 µF max.
±12 VDC models: 470 µF max. (each output)
±15 VDC models: 330 µF max. (each output)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn