Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDR2-0511SM Datasheet(PDF) 1 Page - TRACO Electronic AG

Part No. TDR2-0511SM
Description  DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRACOPOWER [TRACO Electronic AG]
Homepage  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TDR2-0511SM Datasheet(HTML) 1 Page - TRACO Electronic AG

  TDR2-0511SM Datasheet HTML 1Page - TRACO Electronic AG TDR2-0511SM Datasheet HTML 2Page - TRACO Electronic AG TDR2-0511SM Datasheet HTML 3Page - TRACO Electronic AG TDR2-0511SM Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.tracopower.com
Page 1 of 4
DC/DC Converters
TDR 2 Series, 2 Watt
Features
Compact design in SMD or DIP package
Wide 2:1 input voltage range
Fully regulated outputs
Low ripple and noise
No minimum load required
Temperature range –40°C to +85°C
without derating
I/O isolation 1500 VDC
Continuous short-circuit protection
Remote On/Off control
Fully RoHS compliant
3-year product warranty
The TDR-2 series is a family of compact 2 W dc/dc-converters with 2:1 input volt-
age ranges and tightly regulated output voltages even under no load conditions.
The product is available in SMD-package or in DIP-package. They work with high
efficiency over the full load range and come with a remote On/Off input.
The usability in temperature ranges of up to 85°C without power derating, continu-
ous short circuit protection and excellent immunity against environmental influences
make these converters very reliable.
A TDR-2 converter is the ideal solution for space critical high end applications in
communication equipment, instrumentation and industrial electronics.
Order code
DIP models
Order code
SMD models
Input voltage range
Output voltage
Output current
max.
Efficiency typ.
TDR 2-0511
TDR 2-0511SM
5.0 VDC
400 mA
80 %
TDR 2-0512
TDR 2-0512SM
12 VDC
167 mA
81 %
TDR 2-0513
TDR 2-0513SM
4.5 – 9.0 VDC
15 VDC
134 mA
83 %
TDR 2-0522
TDR 2-0522SM
(5 VDC nominal)
±12 VDC
±83 mA
81 %
TDR 2-0523
TDR 2-0523SM
±15 VDC
±67 mA
82 %
TDR 2-1211
TDR 2-1211SM
5.0 VDC
400 mA
81 %
TDR 2-1212
TDR 2-1212SM
12 VDC
167 mA
81 %
TDR 2-1213
TDR 2-1213SM
9 – 18 VDC
15 VDC
134 mA
84 %
TDR 2-1222
TDR 2-1222SM
(12 VDC nominal)
±12 VDC
±83 mA
83 %
TDR 2-1223
TDR 2-1223SM
±15 VDC
±67 mA
82 %
TDR 2-2411
TDR 2-2411SM
5.0 VDC
400 mA
81 %
TDR 2-2412
TDR 2-2412SM
12 VDC
167 mA
84 %
TDR 2-2413
TDR 2-2413SM
18 – 36 VDC
15 VDC
134 mA
84 %
TDR 2-2422
TDR 2-2422SM
(24 VDC nominal)
±12 VDC
±83 mA
84 %
TDR 2-2423
TDR 2-2423SM
±15 VDC
±67 mA
84 %
TDR 2-4811
TDR 2-4811SM
5.0 VDC
400 mA
81 %
TDR 2-4812
TDR 2-4812SM
12 VDC
167 mA
82 %
TDR 2-4813
TDR 2-4813SM
36 – 75 VDC
15 VDC
134 mA
82 %
TDR 2-4822
TDR 2-4822SM
(48 VDC nominal)
±12 VDC
±83 mA
83 %
TDR 2-4823
TDR 2-4823SM
±15 VDC
±67 mA
83 %
Models
UL 60950-1


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn