Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDR2-0511SM Datasheet(PDF) 4 Page - TRACO Electronic AG

Part No. TDR2-0511SM
Description  DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRACOPOWER [TRACO Electronic AG]
Homepage  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TDR2-0511SM Datasheet(HTML) 4 Page - TRACO Electronic AG

  TDR2-0511SM Datasheet HTML 1Page - TRACO Electronic AG TDR2-0511SM Datasheet HTML 2Page - TRACO Electronic AG TDR2-0511SM Datasheet HTML 3Page - TRACO Electronic AG TDR2-0511SM Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
Specifications can be changed without notice! Make sure you are using the latest documentation, downloadable at www.tracopower.com
www.tracopower.com
DC/DC Converters
TDR 2 Series
2 Watt
Outline Dimensions
Pin
Single
Dual
1
–Vin (GND)
–Vin (GND)
2
Remote On/Off
Remote On/Off
6
NC
Common
7
NC
–Vout
8
+Vout
+Vout
9
–Vout
Common
14
+Vin (Vcc)
+Vin (Vcc)
Pin-Out
Rev. July 18. 2014
Dimensions in [mm], () = Inch
Tolerances: ±0.5 (±0.02)
Pin pich tolerances: ±0.25 (±0.01)
Pysical Specifications
Casing material
non-conductive plastic (UL94V-0 rated)
Package weight
4.5 g (0.16 oz)
Soldering profile for DIP-package models
max. 265°C / 10 sec. (wave soldering)
Lead-free reflow solder process for SMD-package models
as per J-STD-020D.01 (to find at:
www.jedec.org - free registration required)
Moisture sensivity level (for SMD-package models)
level 2a as per J-STD-033B.01 (to find at:
www.jedec.org - free registration required)
Environmental compliance
– Reach
www.tracopower.com/products/tdr2-reach.pdf
– RoHS
RoHS directive 2011/65/EU
Packaging
– Tube
10 pcs packing unit
– Tape & Reel (only SMD models, add suffix –TR)
200 pcs packing unit
8.7
12.8
13.55
(0.35)
(0.533)
(0.50)
3.8
(0.15)
14
9
8
1
2
6
7
0.25 (0.01)
0-15°
8.7
12.8
17.2
(0.35)
(0.68)
(0.50)
14
9
8
1
2
6
7
7.4 (0.29)
0-4°
1.2
(0.05)
DIP-Models
SMD-Models
NC = not to connect
Recommended Solder Pad
Dimension:
18.1 (0.71)
2.0 (0.08)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn