Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE426525 Datasheet(PDF) 10 Page - Peregrine Semiconductor

Part # PE426525
Description  Wideband support up to 60 GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE426525 Datasheet(HTML) 10 Page - Peregrine Semiconductor

Back Button PE426525 Datasheet HTML 5Page - Peregrine Semiconductor PE426525 Datasheet HTML 6Page - Peregrine Semiconductor PE426525 Datasheet HTML 7Page - Peregrine Semiconductor PE426525 Datasheet HTML 8Page - Peregrine Semiconductor PE426525 Datasheet HTML 9Page - Peregrine Semiconductor PE426525 Datasheet HTML 10Page - Peregrine Semiconductor PE426525 Datasheet HTML 11Page - Peregrine Semiconductor PE426525 Datasheet HTML 12Page - Peregrine Semiconductor PE426525 Datasheet HTML 13Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PE426525
SPDT RF Switch
Page 10
DOC-77197-3 – (12/2016)
www.psemi.com
Die Mechanical Specifications
This section provides the die mechanical specifications for the PE426525.
Table 6 • Mechanical Specifications for PE426525
Parameter
Min
Typ
Max
Unit
Test Condition
Die size, singulated (x, y)
2485 × 2139
2495 × 2149
2505 × 2159
μm
Including excess silicon,
maximum tolerance = ±10
μm
Wafer thickness
180
200
220
μm
Bump pitch
500
μm
Bump height
59.5
70
80.5
μm
Bump diameter
91
μm
UBM diameter
71
75
79
μm


Similar Part No. - PE426525

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4265 PASTERNACK-PE4265 Datasheet
833Kb / 2P
   75 Ohm SMB Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
logo
Peregrine Semiconductor...
PE42650A PEREGRINE-PE42650A Datasheet
453Kb / 11P
   SP3T High Power UltraCMOS RF Switch 30 MHz - 1000 MHz
PE42650AMLI PEREGRINE-PE42650AMLI Datasheet
453Kb / 11P
   SP3T High Power UltraCMOS RF Switch 30 MHz - 1000 MHz
PE42650AMLI-Z PEREGRINE-PE42650AMLI-Z Datasheet
453Kb / 11P
   SP3T High Power UltraCMOS RF Switch 30 MHz - 1000 MHz
More results

Similar Description - PE426525

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6822 PASTERNACK-PE6822 Datasheet
206Kb / 2P
   60 Watts WR-62 RF Load Up To 18 GHz
logo
Analog Devices
ADF5709 AD-ADF5709 Datasheet
265Kb / 9P
   9.85 GHz to 20.5 GHz, Wideband, MMIC VCO
ADRF6780 AD-ADRF6780 Datasheet
871Kb / 35P
   5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
   24 GHz to 44 GHz, Wideband, Microwave Downconverter
logo
Mini-Circuits
35FFL-35F50 MINI-35FFL-35F50 Datasheet
190Kb / 2P
   Ultra-wideband, DC to 33 GHz
logo
IK Semicon Co., Ltd
IN75232 IKSEMICON-IN75232 Datasheet
406Kb / 7P
   Designed to Support Data Rate up to 120kbps
logo
Texas Instruments
LMX2615-SP TI1-LMX2615-SP Datasheet
839Kb / 91P
[Old version datasheet]   Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
logo
Analog Devices
HMC525ACHIPS AD-HMC525ACHIPS Datasheet
581Kb / 27P
   4 GHz to 8.5 GHz, Wideband I/Q Mixer
logo
List of Unclassifed Man...
AOC-PG-I2 ETC2-AOC-PG-I2 Datasheet
188Kb / 1P
   Jumbo Frames support up to 9.5KB packets
logo
Analog Devices
HMC8192LG AD-HMC8192LG Datasheet
885Kb / 40P
   20 GHz to 42 GHz, Wideband I/Q Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com