Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE426462A-X Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE426462A-X
Description  SP6T RF Switch, 10 MHz?? GHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE426462A-X Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE426462A-X Datasheet HTML 1Page - Peregrine Semiconductor PE426462A-X Datasheet HTML 2Page - Peregrine Semiconductor PE426462A-X Datasheet HTML 3Page - Peregrine Semiconductor PE426462A-X Datasheet HTML 4Page - Peregrine Semiconductor PE426462A-X Datasheet HTML 5Page - Peregrine Semiconductor PE426462A-X Datasheet HTML 6Page - Peregrine Semiconductor PE426462A-X Datasheet HTML 7Page - Peregrine Semiconductor PE426462A-X Datasheet HTML 8Page - Peregrine Semiconductor PE426462A-X Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PE426462
SP6T RF Switch
DOC-77391-3 – (03/2017)
Page 3
www.psemi.com
Recommended Operating Conditions
Table 2 lists the recommended operating conditions for the PE426462. Devices should not be operated outside
the recommended operating conditions listed below.
Table 2 • Recommended Operating Conditions for PE426462
Parameter
Min
Typ
Max
Unit
Supply voltage, VDD
2.3
3.3
5.5
V
Supply current, IDD
120
200
µA
Digital input high (V1, V2, V3, LS)
1.17
3.6
V
Digital input low (V1, V2, V3, LS)
–0.3
0.6
V
Digital input current
V1, V2, V3
LS
5
10
µA
µA
RF input power, CW (RFC–RFX)(1)
See Figure 2
dBm
RF input power, pulsed (RFC–RFX)(2)
See Figure 2
dBm
RF input power into terminated ports, CW (RFX)(1)
See Figure 2
dBm
Operating temperature range
–55
+25
+125
°C
Notes:
1) 100% duty cycle, all bands, 50
Ω.
2) Pulsed, 5% duty cycle of 4620 µs period, 50
Ω.


Similar Part No. - PE426462A-X

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4264 PASTERNACK-PE4264 Datasheet
218Kb / 2P
   75 Ohm SMB Plug Right Angle Connector Clamp - Solder Attachment For RG59, RG62
logo
Peregrine Semiconductor...
PE42641 PEREGRINE-PE42641 Datasheet
306Kb / 9P
   SP4T UltraCMOS RF Switch DC - 3.0 GHz
logo
Peregrine Semiconductor
PE42641 PSEMI-PE42641 Datasheet
891Kb / 8P
   SP4T UltraCMOS짰 RF Switch
PE426412 PSEMI-PE426412 Datasheet
1Mb / 25P
   SP12T RF Switch, 10 MHz?? GHz
PE426412A-X PSEMI-PE426412A-X Datasheet
1Mb / 25P
   SP12T RF Switch, 10 MHz?? GHz
More results

Similar Description - PE426462A-X

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42462 PSEMI-PE42462 Datasheet
786Kb / 20P
   SP6T RF Switch, 10 MHz?? GHz
PE42562 PSEMI-PE42562 Datasheet
796Kb / 20P
   SP6T RF Switch, 9 kHz?? GHz
PE426412 PSEMI-PE426412 Datasheet
1Mb / 25P
   SP12T RF Switch, 10 MHz?? GHz
PE42482 PSEMI-PE42482 Datasheet
910Kb / 23P
   SP8T RF Switch, 10 MHz?? GHz
PE42412 PSEMI-PE42412 Datasheet
1Mb / 25P
   SP12T RF Switch, 10 MHz?? GHz
logo
Mini-Circuits
JSW6-23DR-75 MINI-JSW6-23DR-75 Datasheet
420Kb / 7P
   SP6T RF Switch
JSW6-33DR MINI-JSW6-33DR Datasheet
405Kb / 7P
   SP6T RF Switch
RC-1SP6T-40 MINI-RC-1SP6T-40 Datasheet
564Kb / 7P
   RF SP6T Switch Matrix
RC-1SP6T-26 MINI-RC-1SP6T-26 Datasheet
977Kb / 7P
   RF SP6T Switch Matrix
logo
Honeywell Solid State E...
HRF-SW1031 HONEYWELL-HRF-SW1031 Datasheet
95Kb / 6P
   SP6T Absorptive RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com