Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE426412A-X Datasheet(PDF) 11 Page - Peregrine Semiconductor

Part # PE426412A-X
Description  SP12T RF Switch, 10 MHz?? GHz
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE426412A-X Datasheet(HTML) 11 Page - Peregrine Semiconductor

Back Button PE426412A-X Datasheet HTML 7Page - Peregrine Semiconductor PE426412A-X Datasheet HTML 8Page - Peregrine Semiconductor PE426412A-X Datasheet HTML 9Page - Peregrine Semiconductor PE426412A-X Datasheet HTML 10Page - Peregrine Semiconductor PE426412A-X Datasheet HTML 11Page - Peregrine Semiconductor PE426412A-X Datasheet HTML 12Page - Peregrine Semiconductor PE426412A-X Datasheet HTML 13Page - Peregrine Semiconductor PE426412A-X Datasheet HTML 14Page - Peregrine Semiconductor PE426412A-X Datasheet HTML 15Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DOC-77561-3 – (03/2017)
Page 11
www.psemi.com
PE426412
SP12T RF Switch
Control Logic
Table 5 provides the control logic truth table for PE426412.
Table 5 • Truth Table for PE426412
LS(1) V4 V3 V2 V1
RFC–
RF1
RFC–
RF2
RFC–
RF3
RFC–
RF4
RFC–
RF5
RFC–
RF6
RFC–
RF7
RFC–
RF8
RFC–
RF9
RFC–
RF10
RFC–
RF11
RFC–
RF12
00
0
0
0
ON
OFF
OFFOFFOFF
OFFOFF
OFFOFF
OFFOFF
OFF
01
0
0
0
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
00
1
0
0
OFF
OFF
ON
OFFOFF
OFFOFF
OFFOFF
OFFOFF
OFF
0
1
1
0
0
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
0
0
0
1
0
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
0
1
0
1
0
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
0
0
1
1
0
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
0
1
1
1
0
OFF
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
0
0
0
0
1
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
0
1
0
0
1
OFFOFF
OFFOFFOFF
OFFOFF
OFFOFF
ON
OFF
OFF
0
0
1
0
1
OFFOFF
OFFOFFOFF
OFFOFF
OFFOFF
OFF
ON
OFF
0
1
1
0
1
OFFOFF
OFFOFFOFF
OFFOFF
OFFOFF
OFFOFF
ON
11
1
0
1
ON
OFF
OFFOFFOFF
OFFOFF
OFFOFF
OFFOFF
OFF
10
1
0
1
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
11
0
0
1
OFF
OFF
ON
OFFOFF
OFFOFF
OFFOFF
OFFOFF
OFF
1
0
0
0
1
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
1
1
1
1
0
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
1
0
1
1
0
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
1
1
0
1
0
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
1
0
0
1
0
OFF
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
1
1
1
0
0
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
1
0
1
0
0
OFFOFF
OFFOFFOFF
OFFOFF
OFFOFF
ON
OFF
OFF
1
1
0
0
0
OFFOFF
OFFOFFOFF
OFFOFF
OFFOFF
OFF
ON
OFF
1
0
0
0
0
OFFOFF
OFFOFFOFF
OFFOFF
OFFOFF
OFFOFF
ON
X(2)
0
0
1
1
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
Notes:
1) LS has an internal 1 M
Ω pull-up resistor to logic high. Connect LS to GND externally to generate a logic 0. Leaving LS floating will generate a
logic 1.
2) LS = don’t care, V4 = 0, V3 = 0, V2 = V1 = 1, all ports are terminated to provide an all isolated state.


Similar Part No. - PE426412A-X

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42641 PEREGRINE-PE42641 Datasheet
306Kb / 9P
   SP4T UltraCMOS RF Switch DC - 3.0 GHz
logo
Peregrine Semiconductor
PE42641 PSEMI-PE42641 Datasheet
891Kb / 8P
   SP4T UltraCMOS짰 RF Switch
PE42641MLBC-Z PSEMI-PE42641MLBC-Z Datasheet
232Kb / 8P
   SP4T UltraCMOS짰 RF Switch 100 MHz ??3.0 GHz
PE42641MLBD-Z PSEMI-PE42641MLBD-Z Datasheet
232Kb / 8P
   SP4T UltraCMOS짰 RF Switch 100 MHz ??3.0 GHz
logo
Peregrine Semiconductor...
PE42641MLI PEREGRINE-PE42641MLI Datasheet
306Kb / 9P
   SP4T UltraCMOS RF Switch DC - 3.0 GHz
More results

Similar Description - PE426412A-X

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42412 PSEMI-PE42412 Datasheet
1Mb / 25P
   SP12T RF Switch, 10 MHz?? GHz
PE42512 PSEMI-PE42512 Datasheet
1Mb / 25P
   SP12T RF Switch, 9 kHz?? GHz
PE42462 PSEMI-PE42462 Datasheet
786Kb / 20P
   SP6T RF Switch, 10 MHz?? GHz
PE42482 PSEMI-PE42482 Datasheet
910Kb / 23P
   SP8T RF Switch, 10 MHz?? GHz
PE426462 PSEMI-PE426462 Datasheet
786Kb / 20P
   SP6T RF Switch, 10 MHz?? GHz
PE42524 PSEMI-PE42524 Datasheet
347Kb / 16P
   UltraCMOS SPDT RF Switch, 10 MHz-40 GHz
PE42359 PSEMI-PE42359 Datasheet
477Kb / 14P
   SPDT UltraCMOS짰 RF Switch 10 MHz ??3 GHz
PE42421 PSEMI-PE42421 Datasheet
325Kb / 9P
   SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
   SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com