Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK43704-11 Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # EK43704-11
Description  RF Digital Step Attenuator, 7-bit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK43704-11 Datasheet(HTML) 3 Page - Peregrine Semiconductor

  EK43704-11 Datasheet HTML 1Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 2Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 3Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 4Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 5Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 6Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 7Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 8Page - Peregrine Semiconductor EK43704-11 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PE43704
Product Specification
©2012-2016 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-16514-7 |
www.psemi.com
Page 3 of 20
Table 2. Electrical Specifications: 0.5 dB steps @ +25°C, VDD = 2.3V to 5.5V, VssEXT = 0V or
VDD = 3.4V to 5.5V, VssEXT = -3.4V (ZS = ZL = 50Ω) unless otherwise noted
Parameter
Condition
Frequency
Min
Typ
Max
Unit
Operating frequency
9 kHz
7000 MHz
As shown
Attenuation range
0.5 dB Step
0 – 31.5
dB
Insertion loss
9 kHz – 2 GHz
2 GHz – 4 GHz
4 GHz – 6 GHz
6 GHz – 7 GHz
1.3
1.7
2.4
2.5
1.4
1.9
2.7
2.9
dB
dB
dB
dB
Attenuation error
0 dB – 15.5 dB Attenuation settings
9 KHz ≤4 GHz
(0.15 + 3% of
Attenuation Setting)
- (0.1 + 2% of
Attenuation Setting)
dB
dB
4 GHz – 7 GHz
+ (0.25 + 5% of
Attenuation Setting)
- 0.25
dB
dB
9 KHz ≤4 GHz
+ (0.15 + 3% of
Attenuation Setting)
- (0.1 + 2% of
Attenuation Setting)
dB
dB
16 dB – 31.5 dB Attenuation settings
4 GHz – 7 GHz
+ (0.25 + 6% of
Attenuation Setting)
- (0.25 + 2.5% of
Attenuation Setting)
dB
dB
Return loss
Input port
9 kHz – 4 GHz
4 GHz – 7 GHz
20
16
dB
dB
Return loss
Output port
9 kHz – 4 GHz
4 GHz – 7 GHz
17
14
dB
dB
Relative phase
0 dB – 31.5 dB Attenuation settings
9 kHz – 7 GHz
65
deg
Input 1dB compression point1
50 MHz – 7 GHz
32
34
dBm
IIP3
Two tones at +18 dBm, 20 MHz spacing
50 MHz – 7 GHz
61
dBm
Typical spurious value2
VssEXT = 0V
–140
dBm
RF Trise/Tfall
10% / 90% RF
600
ns
Settling time
RF settled to within 0.05 dB of final value
2
µs
Switching time
50% CTRL to 90% or 10% RF
1.1
µs
Notes: 1. The input 1dB compression point is a linearity figure of merit. Refer to Table 5 for the RF input power PIN (50Ω)
2. To prevent negative voltage generator spurs, supply –3.4 volts to VssEXT


Similar Part No. - EK43704-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK43704-11 PSEMI-EK43704-11 Datasheet
805Kb / 20P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB with Optional Vss Bypass Mode 9 kHz - 8 GHz
More results

Similar Description - EK43704-11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
   7-bit 0.25 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
   7-Bit, 75 W, Digital Step Attenuator
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950 Datasheet
2Mb / 17P
   7-bit 0.25 dB Digital Step Attenuator
logo
TriQuint Semiconductor
TQP4M9083 TRIQUINT-TQP4M9083 Datasheet
674Kb / 11P
   High Linearity 7-Bit, 31.75dB Digital Step Attenuator
logo
Integrated Device Techn...
F1956 IDT-F1956 Datasheet
7Mb / 23P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
logo
Spectrum Microwave, Inc...
TAD5009 SPECTRUM-TAD5009 Datasheet
89Kb / 1P
   7 Bit Digital Attenuator
TAD5010 SPECTRUM-TAD5010 Datasheet
582Kb / 1P
   7 Bit Digital Attenuator
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704_14 Datasheet
1Mb / 20P
   UltraCMOS짰 RF Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com