Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK42562-02 Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # EK42562-02
Description  SP6T RF Switch, 9 kHz?? GHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK42562-02 Datasheet(HTML) 3 Page - Peregrine Semiconductor

  EK42562-02 Datasheet HTML 1Page - Peregrine Semiconductor EK42562-02 Datasheet HTML 2Page - Peregrine Semiconductor EK42562-02 Datasheet HTML 3Page - Peregrine Semiconductor EK42562-02 Datasheet HTML 4Page - Peregrine Semiconductor EK42562-02 Datasheet HTML 5Page - Peregrine Semiconductor EK42562-02 Datasheet HTML 6Page - Peregrine Semiconductor EK42562-02 Datasheet HTML 7Page - Peregrine Semiconductor EK42562-02 Datasheet HTML 8Page - Peregrine Semiconductor EK42562-02 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PE42562
SP6T RF Switch
DOC-75951-3 – (03/2017)
Page 3
www.psemi.com
Recommended Operating Conditions
Table 2 lists the recommended operating conditions for the PE42562. Devices should not be operated outside
the recommended operating conditions listed below.
Table 2 • Recommended Operating Conditions for PE42562
Parameter
Min
Typ
Max
Unit
Normal mode (VSS_EXT = 0V)
(1)
Supply voltage, VDD
2.3
3.3
5.5
V
Supply current, IDD
120
200
µA
Bypass mode (VSS_EXT = –3.4V)
(2)
Supply voltage, VDD
(Table 3 spec. compliance applies for VDD
3.4V)
3.1
3.4
5.5
V
Supply current, IDD
80
160
µA
Negative supply voltage, VSS_EXT
–3.3
–3.0
–2.7
V
Negative supply current, ISS
–40
–16
µA
Normal or Bypass mode
Digital input high (V1, V2, V3, LS)
1.17
3.6
V
Digital input low (V1, V2, V3, LS)
–0.3
0.6
V
Digital input current
V1, V2, V3
LS
5
10
µA
µA
RF input power, CW (RFC–RFX)(3)
See Figure 2
dBm
RF input power, pulsed (RFC–RFX)(4)
See Figure 2
dBm
RF input power into terminated ports, CW (RFX)(3)
See Figure 2
dBm
Operating temperature range
–40
+25
+105
°C
Notes:
1) Normal mode: connect VSS_EXT (pin 7) to GND (VSS_EXT = 0V) to enable internal negative voltage generator.
2) Bypass mode: use VSS_EXT (pin 7) to bypass and disable internal negative voltage generator.
3) 100% duty cycle, all bands, 50
Ω.
4) Pulsed, 5% duty cycle of 4620 µs period, 50
Ω.


Similar Part No. - EK42562-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
EK4250-01 PEREGRINE-EK4250-01 Datasheet
226Kb / 9P
   SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor
EK4250-01 PSEMI-EK4250-01 Datasheet
808Kb / 9P
   Reflective SPDT RF Switch
logo
Peregrine Semiconductor...
EK42510-01 PEREGRINE-EK42510-01 Datasheet
375Kb / 7P
   SPDT High Power UltraCMOS RF Switch 30 - 2000 MHz
logo
Peregrine Semiconductor
EK42512-02 PSEMI-EK42512-02 Datasheet
1Mb / 25P
   SP12T RF Switch, 9 kHz?? GHz
EK42520-02 PSEMI-EK42520-02 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
More results

Similar Description - EK42562-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42582 PSEMI-PE42582 Datasheet
920Kb / 23P
   SP8T RF Switch, 9 kHz?? GHz
PE42512 PSEMI-PE42512 Datasheet
1Mb / 25P
   SP12T RF Switch, 9 kHz?? GHz
PE42525 PSEMI-PE42525 Datasheet
274Kb / 13P
   SPDT RF Switch, 9 kHz??0 GHz
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
   UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
   UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
   UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
   UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42462 PSEMI-PE42462 Datasheet
786Kb / 20P
   SP6T RF Switch, 10 MHz?? GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com