Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK42427-01 Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # EK42427-01
Description  SPDT RF Switch 5-6000 MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK42427-01 Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button EK42427-01 Datasheet HTML 2Page - Peregrine Semiconductor EK42427-01 Datasheet HTML 3Page - Peregrine Semiconductor EK42427-01 Datasheet HTML 4Page - Peregrine Semiconductor EK42427-01 Datasheet HTML 5Page - Peregrine Semiconductor EK42427-01 Datasheet HTML 6Page - Peregrine Semiconductor EK42427-01 Datasheet HTML 7Page - Peregrine Semiconductor EK42427-01 Datasheet HTML 8Page - Peregrine Semiconductor EK42427-01 Datasheet HTML 9Page - Peregrine Semiconductor EK42427-01 Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Product Specification
PE42427
Document No.
DOC-81523-1 |
UltraCMOS® RFIC Solutions
Page 6 of 16
©2017 Peregrine Semiconductor Corp. All rights reserved.
Typical Performance Data @ +25 °C and VDD = 3.3V, unless otherwise specified
Figure 5. Insertion Loss RFX*
Figure 6. Insertion Loss vs Temp (RF1-RFC)*
Figure 7. Insertion Loss vs Temp (RF2-RFC)*
Note: * High frequency performance can be improved by external matching (see Figure 22 through Figure 27 and Figure 30).
Figure 8. Insertion Loss vs VDD (RF1-RFC)*
Figure 9. Insertion Loss vs VDD (RF2-RFC)*


Similar Part No. - EK42427-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK42420-03 PSEMI-EK42420-03 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
logo
Peregrine Semiconductor...
EK42421-01 PEREGRINE-EK42421-01 Datasheet
326Kb / 9P
   SPDT UltraCMOS
logo
Peregrine Semiconductor
EK42421-01 PSEMI-EK42421-01 Datasheet
385Kb / 9P
   SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
logo
Peregrine Semiconductor...
EK42422-01 PEREGRINE-EK42422-01 Datasheet
362Kb / 13P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor
EK42424-01 PSEMI-EK42424-01 Datasheet
1Mb / 11P
   UltraCMOS SPDT RF Switch 100 MHz?? GHz
More results

Similar Description - EK42427-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42420 PSEMI-PE42420 Datasheet
355Kb / 11P
   UltraCMOS SPDT RF Switch 100 ??6000 MHz
PE42426 PSEMI-PE42426 Datasheet
1Mb / 17P
   SPDT RF Switch, 5??000 MHz
PE42724 PSEMI-PE42724 Datasheet
490Kb / 12P
   SPDT RF Switch, 5??794 MHz
PE42722 PSEMI-PE42722 Datasheet
361Kb / 15P
   UltraCMOS SPDT RF Switch, 5-1794 MHz
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE42723 PSEMI-PE42723 Datasheet
525Kb / 17P
   UltraCMOS SPDT RF Switch, 5-1794 MHz
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
   SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
PE42823 PSEMI-PE42823 Datasheet
597Kb / 11P
   SPDT RF Switch, 700 MHz?? GHz
logo
Tyco Electronics
SW-112 MACOM-SW-112 Datasheet
106Kb / 1P
   SPDT RF Switch 20 - 2000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com