Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK4151-01 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # EK4151-01
Description  Low Frequency Passive Mixer with Integrated LO Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK4151-01 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  EK4151-01 Datasheet HTML 1Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 2Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 3Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 4Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 5Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 6Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 7Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 8Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Product Specification
PE4151
Page 2 of 15
©2011–2016 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-38614-2 │ UltraCMOS® RFIC Solutions
Parameters
Min
Typ
Max
Unit
Current drain (a function of frequency)
5
8
mA
Off state leakage current
20
µA
RF input frequency
VHF band
UHF1 band
UHF2 band
136
380
450
174
470
520
MHz
MHz
MHz
LO frequency
VHF band
UHF1 band
UHF2 band
245.65
270.35
340.35
283.65
360.35
410.35
MHz
MHz
MHz
IF output frequency
44.85
109.65
MHz
LO input power
–10
–8
–6
dBm
RF input power
2
dBm
Conversion loss
VHF band
UHF1 band
UHF2 band
6.5
7
7
8
8.5
8.5
dB
dB
dB
3rd order input intercept (IIP3)2
20
26
dBm
2nd order input intercept (IIP2)2
VHF band
UHF1 band
UHF2 band
40
35
35
55
45
45
dBm
dBm
dBm
RF to IF isolation
35
50
dB
LO to IF isolation
25
40
dB
LO to RF isolation
25
43
dB
Notes: 1. Measurements taken on PE4151 evaluation board with M/A-Com ETK4-2T baluns on the RF and IF ports. See Figure 45 for details.
2. IIP2 and IIP3 are measured with two tones at 0 dBm, 100 kHz spacing.
Table 1. AC and DC Electrical Specifications1 (VDD = 3.0V, temperature = +25 °C unless specified otherwise)
Table 2. Supplemental Table for Operation in HF Band* (VDD = 3.0V, temperature = +25 °C unless specified otherwise)
Parameters
Min
Typ
Max
Unit
RF input frequency
32.5
MHz
LO frequency
40
MHz
IF output frequency
7.5
MHz
LO input power
–10
–8
–6
dBm
RF input power
2
dBm
Conversion loss
5
6.5
dB
3rd order input intercept (IIP3)
20
25
dBm
2nd order input intercept (IIP2)
55
65
dBm
RF to IF isolation
35
50
dB
LO to IF isolation
25
40
dB
LO to RF isolation
25
40
dB
Note: * Measurements taken on PE4151 evaluation board with M/A-Com ETK4-2T baluns on the RF and IF ports. See Figure 45 for details.


Similar Part No. - EK4151-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK4152-02 PSEMI-EK4152-02 Datasheet
405Kb / 20P
   Quad MOSFET array with integrated LO enable and bypass mode
More results

Similar Description - EK4151-01

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
PE4150 LUCKY-LIGHT-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor...
PE4150 PEREGRINE-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor
PE4150 PSEMI-PE4150 Datasheet
579Kb / 10P
   UltraCMOS Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor...
PE4150 PEREGRINE-PE4150 Datasheet
310Kb / 10P
   UltraCMOS Low Frequency Passive Mixer with Integrated LO Amplifier
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH_16 Datasheet
871Kb / 8P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1020-QH MA-COM-XR1020-QH Datasheet
795Kb / 7P
   Integrated LNA, Mixer and LO Buffer Amplifier
logo
Marki Microwave
MMIQ-0218L MARKIMICROWAVE-MMIQ-0218L Datasheet
1Mb / 25P
   Low LO Drive Passive GaAs MMIC IQ Mixer
MMIQ-1040L MARKIMICROWAVE-MMIQ-1040L Datasheet
1Mb / 26P
   Low LO Drive Passive GaAs MMIC IQ Mixer
logo
M/A-COM Technology Solu...
XR1015-QH MA-COM-XR1015-QH_16 Datasheet
1Mb / 10P
   Integrated LNA, Mixer and LO Buffer Amplifier
logo
Marki Microwave
MMIQ-1040LSM MARKIMICROWAVE-MMIQ-1040LSM Datasheet
1Mb / 19P
   Low LO Drive Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com