Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK4151-01 Datasheet(PDF) 7 Page - Peregrine Semiconductor

Part # EK4151-01
Description  Low Frequency Passive Mixer with Integrated LO Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK4151-01 Datasheet(HTML) 7 Page - Peregrine Semiconductor

Back Button EK4151-01 Datasheet HTML 3Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 4Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 5Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 6Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 7Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 8Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 9Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 10Page - Peregrine Semiconductor EK4151-01 Datasheet HTML 11Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
©2011–2016 Peregrine Semiconductor Corp. All rights reserved.
Product Specification
PE4151
Page 7 of 15
Document No. DOC-38614-2 │ www.psemi.com
0
10
20
30
40
50
60
0
50
100
150
200
250
300
350
VDD = 2.9 V
VDD = 3.0 V
VDD = 3.1 V
4
4.5
5
5.5
6
6.5
7
7.5
8
0
50
100
150
200
250
300
350
VDD = 2.9 V
VDD = 3.0 V
VDD = 3.1 V
Figure 18. Conversion Loss vs VDD
(25 °C, –8 dBm LO Input, 7.5 MHz IF)
0
10
20
30
40
50
60
0
50
100
150
200
250
300
350
VDD = 2.9 V
VDD = 3.0 V
VDD = 3.1 V
0
10
20
30
40
50
60
0
50
100
150
200
250
300
350
VDD = 2.9 V
VDD = 3.0 V
VDD = 3.1 V
Figure 21. LO to RF Isolation vs VDD
(25 °C, –8 dBm LO Input, 7.5 MHz IF)
0
5
10
15
20
25
30
0
50
100
150
200
250
300
350
VDD = 2.9 V
VDD = 3.0 V
VDD = 3.1 V
0
10
20
30
40
50
60
70
80
0
50
100
150
200
250
300
350
VDD = 2.9 V
VDD = 3.0 V
VDD = 3.1 V
Figure 22. IIP2 vs VDD
(25 °C, –8 dBm LO Input, 7.5 MHz IF)
Figure 23. IIP3 vs. VDD
(25 °C, –8 dBm LO Input, 7.5 MHz IF)
Figure 19. RF to IF Isolation vs VDD
(25 °C, –8 dBm LO Input, 7.5 MHz IF)
Figure 20. LO to IF Isolation vs VDD
(25 °C, –8 dBm LO Input, 7.5 MHz IF)
RF Frequency [MHz]
RF Frequency [MHz]
RF Frequency [MHz]
RF Frequency [MHz]
RF Frequency [MHz]
RF Frequency [MHz]


Similar Part No. - EK4151-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK4152-02 PSEMI-EK4152-02 Datasheet
405Kb / 20P
   Quad MOSFET array with integrated LO enable and bypass mode
More results

Similar Description - EK4151-01

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
PE4150 LUCKY-LIGHT-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor...
PE4150 PEREGRINE-PE4150_15 Datasheet
579Kb / 10P
   Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor
PE4150 PSEMI-PE4150 Datasheet
579Kb / 10P
   UltraCMOS Low Frequency Passive Mixer with Integrated LO Amplifier
logo
Peregrine Semiconductor...
PE4150 PEREGRINE-PE4150 Datasheet
310Kb / 10P
   UltraCMOS Low Frequency Passive Mixer with Integrated LO Amplifier
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH_16 Datasheet
871Kb / 8P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1020-QH MA-COM-XR1020-QH Datasheet
795Kb / 7P
   Integrated LNA, Mixer and LO Buffer Amplifier
logo
Marki Microwave
MMIQ-0218L MARKIMICROWAVE-MMIQ-0218L Datasheet
1Mb / 25P
   Low LO Drive Passive GaAs MMIC IQ Mixer
MMIQ-1040L MARKIMICROWAVE-MMIQ-1040L Datasheet
1Mb / 26P
   Low LO Drive Passive GaAs MMIC IQ Mixer
logo
M/A-COM Technology Solu...
XR1015-QH MA-COM-XR1015-QH_16 Datasheet
1Mb / 10P
   Integrated LNA, Mixer and LO Buffer Amplifier
logo
Marki Microwave
MMIQ-1040LSM MARKIMICROWAVE-MMIQ-1040LSM Datasheet
1Mb / 19P
   Low LO Drive Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com