Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS78M05C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. TS78M05C
Description  3-Terminal Medium Current Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TS78M05C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TS78M05C Datasheet HTML 1Page - List of Unclassifed Manufacturers TS78M05C Datasheet HTML 2Page - List of Unclassifed Manufacturers TS78M05C Datasheet HTML 3Page - List of Unclassifed Manufacturers TS78M05C Datasheet HTML 4Page - List of Unclassifed Manufacturers TS78M05C Datasheet HTML 5Page - List of Unclassifed Manufacturers TS78M05C Datasheet HTML 6Page - List of Unclassifed Manufacturers TS78M05C Datasheet HTML 7Page - List of Unclassifed Manufacturers TS78M05C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS78M00 series
5-8
2003/12 rev. B
TS78M18 Electrical Characteristics
(Vin=27V, Iout=350mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
17.30
18
18.72
Output Voltage
Vout
21V
≤Vin≤33V,
5mA
≤Iout≤350mA, PD ≤5W
17.14
18
18.90
V
Line Regulation
REGline
Tj=25
oC
21V
≤Vin≤33V,
Io=200mA
--
8
50
mV
5mA
≤Iout≤500mA
--
25
360
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤200mA
--
10
180
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
3
6
21V
≤Vin≤33V
--
--
0.8
Quiescent Current Change
∆Iq
5mA
≤Iout≤350nA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
110
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 21V
≤Vin≤31V
54
70
--
dB
Voltage Drop
Vdrop
Iout=350mA, Tj=25
oC
--
2
--
V
Output Short Circuit Current
Ios
Tj=25
oC
--
50
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC≤Tj≤125 oC
--
-0.5
--
mV/
oC
TS78M24 Electrical Characteristics
(Vin=33V, Iout=350mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
23.07
24
24.96
Output Voltage
Vout
27V
≤Vin≤38V,
5mA
≤Iout≤350mA, PD ≤5W
22.85
24
25.20
V
Line Regulation
REGline
Tj=25
oC
27V
≤Vin≤38V,
Io=200mA
--
10
50
mV
5mA
≤Iout≤500mA
--
30
480
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤200mA
--
10
240
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4
7
27V
≤Vin≤38V
--
--
0.8
Quiescent Current Change
∆Iq
5mA
≤Iout≤350mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
170
--
uV
Ripple Rejection Ratio
RR
f=120Hz, 27V
≤Vin≤37V
50
70
--
dB
Voltage Drop
Vdrop
Iout=350mA, Tj=25
oC
--
2
--
V
Output Short Circuit Current
Ios
Tj=25
oC
--
50
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC≤Tj≤125 oC
--
-0.5
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TS78M00A 3-Terminal Medium Current Positive Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
TS79M00 3-Terminal Medium Current Negative Voltage Regulator 1  2  3  4  5  More Taiwan Semiconductor Company, Ltd
NTE972 Integrated Circuit 3-Terminal Positive Voltage Regulator 24V 1  2  NTE Electronics
H7806AJ 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1  2  3  Hi-Sincerity Mocroelectronics
H78M05AT 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1  2  3  Hi-Sincerity Mocroelectronics
PL7806XJ3 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1  2  3  Cystech Electonics Corp.
NTE1900 Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1  2  NTE Electronics
H7808AA 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1  2  3  Hi-Sincerity Mocroelectronics
H78M06AT 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1  2  3  Hi-Sincerity Mocroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn