Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54LV166AW Datasheet(PDF) 6 Page - Texas Instruments

Part # SNJ54LV166AW
Description  8-BIT PARALLEL-LOAD SHIFT REGISTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54LV166AW Datasheet(HTML) 6 Page - Texas Instruments

Back Button SNJ54LV166AW Datasheet HTML 2Page - Texas Instruments SNJ54LV166AW Datasheet HTML 3Page - Texas Instruments SNJ54LV166AW Datasheet HTML 4Page - Texas Instruments SNJ54LV166AW Datasheet HTML 5Page - Texas Instruments SNJ54LV166AW Datasheet HTML 6Page - Texas Instruments SNJ54LV166AW Datasheet HTML 7Page - Texas Instruments SNJ54LV166AW Datasheet HTML 8Page - Texas Instruments SNJ54LV166AW Datasheet HTML 9Page - Texas Instruments SNJ54LV166AW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN54LV166A, SN74LV166A
8BIT PARALLELLOAD SHIFT REGISTERS
SCLS456B − FEBRUARY 2001 − REVISED DECEMBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV166A
SN74LV166A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLR low
8
9
9
ns
tw
Pulse duration
CLK high or low
8.5
9
9
ns
CLK INH before CLK
7
7
7
Data before CLK
6.5
8.5
8.5
tsu
Setup time
SH/LD before CLK
7
8.5
8.5
ns
tsu
Setup time
SER before CLK
8.5
9.5
9.5
ns
CLR
↑ inactive before CLK↑
6
7
7
th
Hold time
Data after CLK
−0.5
0
0
ns
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV166A
SN74LV166A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
CLR low
6
7
7
ns
tw
Pulse duration
CLK high or low
6
7
7
ns
CLK INH before CLK
5
5
5
Data before CLK
5
6
6
tsu
Setup time
SH/LD before CLK
5
6
6
ns
tsu
Setup time
SER before CLK
5
6
6
ns
CLR
↑ inactive before CLK↑
4
4
4
th
Hold time
Data after CLK
0
0
0
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV166A
SN74LV166A
UNIT
MIN
MAX
MIN
MAX
MIN4
MAX
UNIT
tw
Pulse duration
CLR low
5
5
5
ns
tw
Pulse duration
CLK high or low
4
4
4
ns
CLK INH before CLK
3.5
3.5
3.5
Data before CLK
4.5
4.5
4.5
tsu
Setup time
SH/LD before CLK
4
4
4
ns
tsu
Setup time
SER before CLK
4
4
4
ns
CLR
↑ inactive before CLK↑
3.5
3.5
3.5
th
Hold time
Data after CLK
1
1
1
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SNJ54LV166AW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54LV166AW TI-SNJ54LV166AW Datasheet
457Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SNJ54LV166AW TI-SNJ54LV166AW Datasheet
525Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
More results

Similar Description - SNJ54LV166AW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com