Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST12CP11 Datasheet(PDF) 2 Page - Silicon Storage Technology, Inc

Part # SST12CP11
Description  2.4 GHz High-Power and High-Gain Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST12CP11 Datasheet(HTML) 2 Page - Silicon Storage Technology, Inc

  SST12CP11 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST12CP11 Datasheet HTML 2Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2011 Silicon Storage Technology, Inc.
DS75024A
10/11
2
2.4 GHz High-Power and High-Gain Power Amplifier
SST12CP11
Product Brief
A Microchip Technology Company
Contact Information
Thank you for your interest in Microchip RF products. The data sheet for this device contains proprie-
tary information. To obtain a copy of the data sheet, contact your local Microchip sales representative
or distributor at the link below.
Global Sales and Distribution
Table 1:Revision History
Revision
Description
Date
A
Initial release of Product Brief
Oct 2011
© 2011 Silicon Storage Technology, Inc–a Microchip Technology Company. All rights reserved.
SST, Silicon Storage Technology, the SST logo, SuperFlash, MTP, and FlashFlex are registered trademarks of Silicon Storage Tech-
nology, Inc. MPF, SQI, Serial Quad I/O, and Z-Scale are trademarks of Silicon Storage Technology, Inc. All other trademarks and
registered trademarks mentioned herein are the property of their respective owners.
Specifications are subject to change without notice. Refer to www.microchip.com for the most recent documentation. For the most current
package drawings, please see the Packaging Specification located at http://www.microchip.com/packaging.
Memory sizes denote raw storage capacity; actual usable capacity may be less.
SST makes no warranty for the use of its products other than those expressly contained in the Standard Terms and Conditions of
Sale.
For sales office locations and information, please see www.microchip.com.
Silicon Storage Technology, Inc.
A Microchip Technology Company
www.microchip.com
ISBN:978-1-61341-735-5


Similar Part No. - SST12CP11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12CP11-QVCE MICROCHIP-SST12CP11-QVCE Datasheet
45Kb / 2P
   2.4 GHz High-Power and High-Gain Power Amplifier
10/11
SST12CP11C MICROCHIP-SST12CP11C Datasheet
708Kb / 16P
   2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
SST12CP11C-QUCE MICROCHIP-SST12CP11C-QUCE Datasheet
708Kb / 16P
   2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
SST12CP11C-QUCE-K MICROCHIP-SST12CP11C-QUCE-K Datasheet
708Kb / 16P
   2.4 GHz High-Linearity, High-Efficiency Power Amplifier
2015
More results

Similar Description - SST12CP11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12LP15A MICROCHIP-SST12LP15A Datasheet
168Kb / 15P
   2.4 GHz High-Power and High-Gain Power Amplifier
2013 04/13
logo
Silicon Storage Technol...
SST12LP15A SST-SST12LP15A Datasheet
278Kb / 13P
   2.4 GHz High-Power and High-Gain Power Amplifier
logo
Microchip Technology
SST12CP11-QVCE MICROCHIP-SST12CP11-QVCE Datasheet
45Kb / 2P
   2.4 GHz High-Power and High-Gain Power Amplifier
10/11
logo
Silicon Storage Technol...
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP19E MICROCHIP-SST12LP19E Datasheet
391Kb / 23P
   2.4 GHz High-Power, High-Gain Power Amplifier
2013 05/13
logo
Silicon Storage Technol...
SST12LP08 SST-SST12LP08 Datasheet
1Mb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com