Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIL-051A66-62LL Datasheet(PDF) 3 Page - Meder Electronic

Part # DIL-051A66-62LL
Description  Compatible with DIL socket
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

DIL-051A66-62LL Datasheet(HTML) 3 Page - Meder Electronic

  DIL-051A66-62LL Datasheet HTML 1Page - Meder Electronic DIL-051A66-62LL Datasheet HTML 2Page - Meder Electronic DIL-051A66-62LL Datasheet HTML 3Page - Meder Electronic DIL-051A66-62LL Datasheet HTML 4Page - Meder Electronic DIL-051A66-62LL Datasheet HTML 5Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
261
Sealed DIL Version w/ up to 4.25
kVDC Breakdown Voltage Option
MEDER electronic
DIL Series
COIL DATA
www.meder.com
Germany # ++49-(0)7733-94870, USA # 800-870-5385
T
C
A
T
N
O
C
M
R
O
F
H
C
T
I
W
S
L
E
D
O
M
L
I
O
C
E
G
A
T
L
O
V
L
I
O
C
E
C
N
A
T
S
I
S
E
R
N
I-
L
L
U
P
E
G
A
T
L
O
V
T
U
O
-
P
O
R
D
E
G
A
T
L
O
V
L
A
N
I
M
O
N
L
I
O
C
R
E
W
O
P
0
2
t
a
a
t
a
d
ll
A
0
*
C
C
D
V
C
D
VC
D
VW
m
.
m
o
N.
x
a
M.
n
i
M.
p
y
T.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
p
y
T
A
1
6
6
2
7
5
7
5
5
.
7
5
0
4
0
5
4
5
9
4
5
8
.
0
5
.
3
5
7
.
0
4
.
3
5
5
2
16
10
2
6
10
0
8
10
8
9
19
.
14
.
88
.
13
.
80
8
4
2
0
3
0
5
0
4
0
0
5
4
0
5
9
4
7
.
3
8
.
6
1
6
.
3
7
.
6
1
0
3
1
g
H
8
8
d
e
t
t
e
w
55
.
73
5
10
7
17
8
15
8
.
05
.
35
7
.
04
.
35
4
1
2
1
6
1
0
3
6
0
0
7
0
7
7
9
.
1
4
.
8
8
.
1
3
.
8
5
0
2
4
20
30
3
5
10
0
7
10
7
8
17
.
38
.
6
16
.
37
.
6
10
4
3
1
8
5
5
.
7
0
0
7
2
0
0
0
3
0
0
3
3
5
8
.
0
5
.
3
5
7
.
0
4
.
3
0
1
2
16
10
0
0
90
0
0
0
10
0
0
1
19
.
14
.
88
.
13
.
85
1
1
A
2
6
6
2
7
5
7
5
5
.
7
0
8
1
0
0
2
0
2
2
5
8
.
0
5
.
3
5
7
.
0
4
.
3
5
2
1
2
16
12
1
60
8
68
4
79
.
14
.
88
.
13
.
80
1
2
4
2
0
3
0
0
8
1
0
0
0
2
0
0
2
2
7
.
3
8
.
6
1
6
.
3
7
.
6
1
0
9
2
g
H
8
8
d
e
t
t
e
w
55
.
74
50
66
65
8
.
05
.
35
7
.
04
.
35
1
4
2
1
6
1
5
1
3
0
5
3
5
8
3
9
.
1
4
.
8
8
.
1
3
.
8
0
1
4
4
20
35
1
2
10
5
3
15
8
4
17
.
38
.
6
16
.
37
.
6
15
2
4
C
1
0
9
5
5
.
7
0
8
1
0
0
2
0
2
2
5
8
.
0
5
.
3
5
7
.
0
4
.
3
5
2
1
2
16
10
0
90
0
0
10
0
1
19
.
14
.
88
.
13
.
85
4
1
4
2
0
3
0
0
7
2
0
0
0
3
0
0
3
3
7
.
3
8
.
6
1
6
.
3
7
.
6
1
0
9
1
C
2
55
.
7
7
1
1
)
5
4
1
(
0
3
1
)
0
5
1
(
3
4
1
)
5
6
1
(
5
8
.
05
.
35
7
.
04
.
3
0
9
1
)
5
6
1
(
2
1
6
1
7
7
4
)
2
1
6
(
0
3
5
)
0
8
6
(
3
8
5
)
8
4
7
(
9
.
1
4
.
8
8
.
1
3
.
8
0
7
2
)
0
1
2
(
4
20
30
0
8
10
0
0
20
0
2
27
.
38
.
6
16
.
37
.
6
10
9
2
r
e
p
%
4
.
0
f
o
e
t
a
r
e
h
t
t
a
e
g
n
a
h
c
ll
i
w
e
c
n
a
t
s
i
s
e
r
li
o
c
d
n
a
e
g
a
tl
o
v
t
u
o
-
p
o
r
d
/
n
i-
ll
u
p
e
h
T
*
0
.
C
.
3
6
t
u
o
n
i
p
r
o
f
e
r
a
s
i
s
e
h
t
n
e
r
a
p
n
i
s
e
u
l
a
V
)
(


Similar Part No. - DIL-051A66-62LL

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIL-CL MEDER-DIL-CL Datasheet
537Kb / 3P
   Line Sensing
DIL-CL-1A66-15-13M MEDER-DIL-CL-1A66-15-13M Datasheet
96Kb / 2P
   DIL Reed Relays
DIL-CL-1A66-15-13M_DE MEDER-DIL-CL-1A66-15-13M_DE Datasheet
99Kb / 2P
   (deutsch) DIL Reed Relay
DIL-CL-1A81-10-13M MEDER-DIL-CL-1A81-10-13M Datasheet
537Kb / 3P
   Line Sensing
DIL-CL-1A81-10-15M MEDER-DIL-CL-1A81-10-15M Datasheet
537Kb / 3P
   Line Sensing
More results

Similar Description - DIL-051A66-62LL

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMW38GT EUROQUARTZ-EMW38GT Datasheet
346Kb / 1P
   CMOS 14 pin DIL compatible,
logo
List of Unclassifed Man...
RASCO ETC1-RASCO Datasheet
604Kb / 2P
   4-pin Package, Compatible with 14-pin DIL
logo
Harwin Plc
M22-3020500 HARWIN-M22-3020500 Datasheet
55Kb / 1P
   2.0mm DIL CRIMP SOCKET HOUSING
M80-8440442 HARWIN-M80-8440442 Datasheet
78Kb / 1P
   DATAMATE CRIMP DIL SOCKET ASSEMBLY
D2816-42 HARWIN-D2816-42 Datasheet
181Kb / 1P
   DIL IC SOCKET OPEN FRAME
logo
EUROQUARTZ limited
EM39GS EUROQUARTZ-EM39GS Datasheet
110Kb / 1P
   Clipped Sinewave 14 pin DIL compatible
EM39S EUROQUARTZ-EM39S Datasheet
105Kb / 1P
   Clipped Sinewave 14 pin DIL compatible
logo
Harwin Plc
741-073 HARWIN-741-073 Datasheet
303Kb / 5P
   DIL IC SOCKET OPEN FRAME
M50-3110342 HARWIN-M50-3110342 Datasheet
96Kb / 1P
   1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY WITH POSTS
logo
EUROQUARTZ limited
EM38S EUROQUARTZ-EM38S Datasheet
106Kb / 1P
   Clipped Sinewave 14 pin DIL compatible
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com