Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC4066PW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHC4066PW
Description  QUADRUPLE BILATERAL ANALOG SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC4066PW Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AHC4066PW Datasheet HTML 2Page - Texas Instruments SN74AHC4066PW Datasheet HTML 3Page - Texas Instruments SN74AHC4066PW Datasheet HTML 4Page - Texas Instruments SN74AHC4066PW Datasheet HTML 5Page - Texas Instruments SN74AHC4066PW Datasheet HTML 6Page - Texas Instruments SN74AHC4066PW Datasheet HTML 7Page - Texas Instruments SN74AHC4066PW Datasheet HTML 8Page - Texas Instruments SN74AHC4066PW Datasheet HTML 9Page - Texas Instruments SN74AHC4066PW Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
SN74AHC4066
QUADRUPLE BILATERAL ANALOG SWITCH
SCLS511 – JUNE 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VO
VCC
50
fin
VCC
0.1
µF
VI
VCC
GND
(ON)
RL = 600 Ω
CL = 50 pF
VCC/2
Figure 6. Frequency Response (Switch On)
VO1
RL = 600 Ω
CL = 50 pF
VCC
50
fin
VCC/2
VC = VCC
0.1
µF
VI
VI
VO2
VCC
600
VCC/2
VC = GND
600
VCC
GND
(ON)
VCC
GND
(OFF)
RL = 600 Ω
CL = 50 pF
Figure 7. Crosstalk Between Any Two Switches
VO
VCC
VCC
GND
RL = 600 Ω
CL = 50 pF
VCC/2
VCC/2
50
VC
600
Figure 8. Crosstalk (Control Input – Switch Output)


Similar Part No. - SN74AHC4066PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC4066PW TI-SN74AHC4066PW Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PW TI1-SN74AHC4066PW Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PW TI-SN74AHC4066PW Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PWE4 TI-SN74AHC4066PWE4 Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066PWR TI-SN74AHC4066PWR Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results

Similar Description - SN74AHC4066PW

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74HC4066 TI-SN74HC4066_07 Datasheet
577Kb / 20P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066 Datasheet
204Kb / 7P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
153Kb / 10P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI1-SN74AHC4066_14 Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHCT4066 UTC-U74AHCT4066_15 Datasheet
227Kb / 6P
   QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066_15 Datasheet
796Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_15 Datasheet
984Kb / 27P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_07 Datasheet
832Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com