Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A101QE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI5A101QE
Description  Precision Wide-Bandwidth Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A101QE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI5A101QE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A101QE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A101QE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A101QE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A101QE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A101QE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A101QE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A101QE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5A101QE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
PS7079F
09/22/04
PI5A101
Precision Wide-bandwidth
Analog Switch
Test Circuits/Timing Diagrams
Figure 1. Switching Time
Figure 2. Charge Injection
V+
+5V
NC
GND
COM
RGEN
VOUT
CL
1nF
VOUT
∆VOUT
IN
VGEN
ON
ON
OFF
OFF
IN
OFF
OFF
Q = (∆VOUT)(CL)
IN
Logic
Input
VCC
+5V
NC
GND
COM
+3V*
Logic
Input
IN
tr <20ns
tf <20ns
VOUT = VNO
RL
RL + RON
(
)
CL INCLUDES FIXTURE AND STRAY CAPACITANCE
VOUT
RL
100-ohm
CL
15pF
Logic Input Waveforms Inverted for
Switches that have Opposite Logic.
* 1.5V for 3.3V Supply
tOFF
tON
VOUT
90%
90%
Logic
Input
Switch
Output
+3V
0V
0V
50%
Switch
Input


Similar Part No. - PI5A101QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100Q PERICOM-PI5A100Q Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100Q PERICOM-PI5A100Q Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QE PERICOM-PI5A100QE Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QE PERICOM-PI5A100QE Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
More results

Similar Description - PI5A101QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A381A PERICOM-PI5A381A Datasheet
162Kb / 8P
   Precision Wide Bandwidth Analog Switches
logo
Burr-Brown (TI)
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
   Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Texas Instruments
MPY634 TI1-MPY634_16 Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A317A PERICOM-PI5A317A Datasheet
237Kb / 7P
   Precision Wide Bandwidth Analog Switches
PI5A125 PERICOM-PI5A125 Datasheet
207Kb / 6P
   Single Wide Bandwidth Analog Switch
logo
Panasonic Semiconductor
AN5870K PANASONIC-AN5870K Datasheet
101Kb / 14P
   Wide bandwidth analog switch IC
logo
Pericom Semiconductor C...
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com