Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A101Q Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5A101Q
Description  Precision Wide-Bandwidth Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A101Q Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5A101Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5A101Q Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PS7079F
09/22/04
PI5A101
Precision Wide-bandwidth
Analog Switch
Electrical Specifications - Single +5V Supply (VCC = +5V ± 10%, GND = 0V, VINH = 2.4V, VINL = 0.8V) (continued)
Parameter
Symbol
Conditions
Temp.(ºC) Min.(1) Typ.(2) Max.(1) Units
Dynamic
Turn-On Time
tON
VCC = 5V, see figure 1
25
8
15
ns
Full
20
Turn-Off Time
tOFF
25
3.5
7
Full
10
Charge Injection(3)
Q
CL = 1nF, VGEN = 0V,
RGEN = 0V, Figure 2
25
7
10
pC
Off Isolation
OIRR
RL = 50Ω, CL = 5pF, f = 10MHz,
see figure 3
-55
dB
Crosstalk(8)
ICOM(OFF)
RL = 50Ω, CL = 5pF, f = 10MHz,
see figure 4
-92
NC or NO Capacitance
C(OFF)
f = 1kHz, see figure 5
8
pF
COM Off Capacitance
CCOM(OFF)
8
COM On Capacitance
CCOM(ON)
f = 1kHz, see figure 6
14
3-dB Bandwidth
BW
RL = 10kΩ
Full
230
MHz
Distortion(9)
D
0.03
%
Supply
Power-Supple Range
VCC
Full
2
6
V
Positve Supply Current
ICC
VCC = 3.6V, VIN = 0V or V+,
All Channels on or off
1
µA


Similar Part No. - PI5A101Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100Q PERICOM-PI5A100Q Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100Q PERICOM-PI5A100Q Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QE PERICOM-PI5A100QE Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QE PERICOM-PI5A100QE Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
More results

Similar Description - PI5A101Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A381A PERICOM-PI5A381A Datasheet
162Kb / 8P
   Precision Wide Bandwidth Analog Switches
logo
Burr-Brown (TI)
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
   Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Texas Instruments
MPY634 TI1-MPY634_16 Datasheet
889Kb / 17P
[Old version datasheet]   Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A317A PERICOM-PI5A317A Datasheet
237Kb / 7P
   Precision Wide Bandwidth Analog Switches
PI5A125 PERICOM-PI5A125 Datasheet
207Kb / 6P
   Single Wide Bandwidth Analog Switch
logo
Panasonic Semiconductor
AN5870K PANASONIC-AN5870K Datasheet
101Kb / 14P
   Wide bandwidth analog switch IC
logo
Pericom Semiconductor C...
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com