Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF-LXH25780ID Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSF-LXH25780ID
Description  2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSF-LXH25780ID Datasheet(HTML) 1 Page - LUMEX INC.

  SSF-LXH25780ID Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSF-LXH25780ID

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSF-LXH25780IGW LUMEX-SSF-LXH25780IGW Datasheet
49Kb / 1P
   2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
More results

Similar Description - SSF-LXH25780ID

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSF-LXH25780SRD LUMEX-SSF-LXH25780SRD Datasheet
45Kb / 1P
   2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
SSF-LXH25780IGW LUMEX-SSF-LXH25780IGW Datasheet
49Kb / 1P
   2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
SSF-LXH25780HGW LUMEX-SSF-LXH25780HGW Datasheet
47Kb / 1P
   2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
SSF-LXH25780YD LUMEX-SSF-LXH25780YD Datasheet
63Kb / 1P
   2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
logo
Dialight Corporation
521-9264 DIALIGHT-521-9264 Datasheet
17Kb / 1P
   2.5mm x 7mm Discrete LED Rectangular Tinted
logo
LUMEX INC.
SSA-LXB07SIW LUMEX-SSA-LXB07SIW Datasheet
57Kb / 1P
   2.5mm X 7mm Rectangular Cob Array
SSA-LXB1027-3I7GD LUMEX-SSA-LXB1027-3I7GD Datasheet
60Kb / 1P
   LED Array 10 Unit 2.5mm X 7mm Rectangular Leds
SSA-LXB1027SRD LUMEX-SSA-LXB1027SRD Datasheet
81Kb / 1P
   LED ARRAY, 10 Unit 2.5mm X 7mm Rectangular LEDS
SSA-LXB1027SUGD LUMEX-SSA-LXB1027SUGD Datasheet
79Kb / 1P
   LED ARRAY, 10 Unit 2.5mm X 7mm RECTANGULAR LEDS
SSA-LXB1027USBD LUMEX-SSA-LXB1027USBD Datasheet
82Kb / 1P
   LED ARRAY, 10 Unit 2.5mm X 7mm RECTANGULAR LEDS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com