Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA332AIDGKT Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA332AIDGKT
Description  Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA332AIDGKT Datasheet(HTML) 2 Page - Burr-Brown (TI)

  INA332AIDGKT Datasheet HTML 1Page - Burr-Brown (TI) INA332AIDGKT Datasheet HTML 2Page - Burr-Brown (TI) INA332AIDGKT Datasheet HTML 3Page - Burr-Brown (TI) INA332AIDGKT Datasheet HTML 4Page - Burr-Brown (TI) INA332AIDGKT Datasheet HTML 5Page - Burr-Brown (TI) INA332AIDGKT Datasheet HTML 6Page - Burr-Brown (TI) INA332AIDGKT Datasheet HTML 7Page - Burr-Brown (TI) INA332AIDGKT Datasheet HTML 8Page - Burr-Brown (TI) INA332AIDGKT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
INA332, INA2332
2
SBOS216A
www.ti.com
Supply Voltage, V+ to V– .................................................................... 7.5V
Signal Input Terminals, Voltage(2) ..................... (V–) – 0.5V to (V+) + 0.5V
Current(2) ..................................................... 10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ...................................................... –65
°C to +150°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. (2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.5V beyond the supply rails should be
current limited to 10mA or less. (3) Short-circuit to ground, one amplifier per
package.
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PIN CONFIGURATION
Top View
RG
V
IN
V
IN+
V–
Shutdown
V+
V
OUT
REF
INA332
MSOP-8 (DGK)
1
2
3
4
8
7
6
5
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Shutdown A
V
OUTA
REFA
V+
REFB
V
OUTB
Shutdown B
RGA
V
IN–A
V
IN+A
V–
V
IN+B
V
IN–B
RGB
INA2332
Dual, TSSOP-14 (PW)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
Single
INA332IDGK
MSOP-8
DGK
–55
°C to +125°C
B32
INA332IDGKT
Tape and Reel, 250
""
"
"
"
INA332IDGKR
Tape and Reel, 2500
Dual
INA2332AIPW
TSSOP-14
PW
–55
°C to +125°C
2332A
INA2332AIPWT
Tape and Reel, 250
""
"
"
"
INA2332AIPWR
Tape and Reel, 2500
PACKAGE/ORDERING INFORMATION
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.


Similar Part No. - INA332AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA332AIDGKT TI1-INA332AIDGKT Datasheet
994Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
INA332AIDGKTG4 TI1-INA332AIDGKTG4 Datasheet
994Kb / 22P
[Old version datasheet]   INSTRUMENTATION AMPLIFIERS
More results

Similar Description - INA332AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA331 TI-INA331 Datasheet
294Kb / 15P
[Old version datasheet]   Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
   Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Burr-Brown (TI)
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Low Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com